Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 25Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 26Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 27Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 28Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 29Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 30Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 31Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 32Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 138 page
background image
Datasheet
29 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.1.1
ECC error reporting
There are five methods for reporting to the host system when ECC errors are detected.
• ECC Data Unit Status provides the status of 1-bit or 2-bit errors in data units.
• ECC Status Register provides the status of 1-bit or 2-bit errors since the last ECC clear or reset.
• The Address Trap Register captures the address location of the first ECC error encountered after POR or reset
during memory array read.
• An ECC Error Detection counter keeps a tally of the number of 1-bit or 2-bit errors that have occurred in data
units during reads.
• The Interrupt (INT#)output canbe enabled toindicatewheneither a 1-bitor 2-biterror isdetected asdatais read.
4.1.1.1
ECC data unit status (EDUS)
• The status of ECC in each data unit is provided by the 8-bit ECC Data Unit Status.
• The ECC status transaction outputs the ECC status of the addressed data unit. The contents of the ECC Data
Unit status then indicate, for the selected data unit, whether there is a 1-bit error corrected, 2-bit error detected,
or the ECC is disabled for that data unit.
Table 9
ECC data unit status
Bits
Fieldname
Function
Read/Write
N = Nonvolatile
V = Volatile
Factorydefault
(binary)
Description
EDUS[7:4]
RESRVD
Reserved For Future
Use
V => R
0000
These bits are Reserved for future use.
EDUS[3]
ECC2BD
ECC Error 2-bit Error
Detection Flag
V => R
0
This bit indicates whether a two bit error is detected in the data unit,
if two bit ECC error detection is enabled CFR4V[3] = 1.
When CFR4V[3] = 0 and 2-bit error detection is disabled, ECC2BD bit
will always be ‘0’.
Note: If 2 bit error detection is enabled (CFR4V[3] = 1), the ECCOFF
bit will not be set to 1b while performing single byte programming
or bit walking in a data unit that was already partially programmed.
An attempt to do such byte programming or bit walking will result
in a Program Error.
Selection Options:
1 = Two Bit Error detected
0 = No error
EDUS[2]
RESRVD
Reserved For Future
Use
V => R
0
This bit is Reserved for future use.
EDUS[1]
ECC1BC
ECC Error 1-bit Error
Detection and
Correction Flag
V => R
0
This bit indicates whether an error was corrected in the data unit.
Selection Options:
1 = Single Bit Error corrected in the addressed data unit
0 = No single bit error was corrected in the addressed data unit
EDUS[0]
ECCOFF
Data Unit ECC
Off/On Flag
V => R
0
This bit indicates whether the ECC syndrome is off in the data unit.
Selection Options:
1 = ECC is OFFin the selected data unit
0 = ECC is ON in the selected data unit
Dependency: CFR4x[3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com