Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 77 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 77 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 73Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 74Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 75Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 76Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 77Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 78Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 79Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 80Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 81Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 138 page
background image
Datasheet
77 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Registers
STR1V[1]
WRPGEN
Write/Program
Enable Status Flag
V -> R
0
Description:
The WRPGEN bit must be set to ‘1’ to enable all program, erase or
register write operations - it provides protection against inadvertent
changes to memory or register values. The Write Enable
(WRENB_0_0) transaction set the WRPGEN bit to '1' to allow
program, erase or write transactions to execute. The Write Disable
(WRDIS_0_0) transaction resets WRPGEN to a ‘0’ to prevent all
program, erase, and write transactions from execution. The
WRPGEN bit is cleared to ‘0’ at the end of any successful program,
erase or register write operation. After a power down / power up
sequence
or a hardware/software reset, the Deep Power Down WRPGEN bit is
cleared to ‘0’.
Selection Options:
0 = Program, erase or register write is disabled
1 = Program, erase or register write is enabled
Dependency: N/A
STR1V[0]
RDYBSY
Device Ready/Busy
Status Flag
V -> R
0
Description:
The RDYBSY bit indicates whether the device is performing an
embedded operation or is in standby mode ready to receive new
transactions.
Note The PRGERR and ERSERR status bits are updated while RDYBSY
is set. If PRGERR or ERSERR are set, the RDYBSY bit will remain set
indicating the device is busy and unable to receive new transactions.
A Clear Program and Erase Failure Flags (CLPEF_0_0) transaction
must be executed to return the device to standby mode.
Selection Options:
0 = Device is in standby mode ready to receive new operation trans-
actions
1 = Device is busy and unable to receive new operation transactions
Dependency: N/A
Table 42
PRGERR summary
Error flag
Symbol
Conditions
Program Error
PRGERR
Bits cannot be programmed '1' to '0'
Trying to program in a protected region
If ASP0[2] or ASP0[1] is 0, any nonvolatile register write attempting to change the value of CFR1N[6:2]/CFR1V[6:2]
After the Password Protection Mode is selected and ASP Password Register update transaction executed
SafeBoot Failure
Configuration Failure
Table 43
ERSERR summary
Error flag
Symbol
Conditions
Erase Error
ERSERR
Sector Device Erase - All bits cannot be erased to '1's
Trying to erase a protected region
Register Erase - All bits cannot be erased to '1's during Erase portion of Register Write
SafeBoot Failure
Table 41
Status register 1[22] (Continued)
Bit
number
Name
Function
Read/Write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
Note
22. STR1x value during POR, Hardware Reset, Software Reset, DPD Exit, and CS# Signaling Reset is not valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com