Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 58Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 59Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 60Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 61Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 62Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 63Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 64Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 65Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 138 page
background image
Datasheet
62 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.10.5
Program persistent protection bit (PPB)
The Program Persistent Protect Bit (PRPPB_4_0) transaction programs a bit in the PPB Register to protect the
sector of the provided address from being programed or erased (see Transaction table on page 95).
The PRGERR bit in STR1V[6] may be checked to determine if any error occurred during the operation. Program
PPB bit transaction will abort when trying to program the PPB bits protected by ASPPPB (ASPO[3]), ASPPRM
(ASPO[0]) and PPBLCK (PPLV[0]) bit.
4.10.6
Program related registers and transactions
4.11
Erase
There are erase transactions for erasing data bits to 1 (all bytes are FFh) for the Memory Array and Persistent
Protection Bits.
These erase transactions can use any of these three protocols:
• SPI interface with SDR (1S-1S-1S) protocol, transfers the one byte command one bit per CK rising edge
• Octal interface with SDR (8S-8S-8S) protocol, transfers the two byte command eight bits per CK rising edge
• Octalinterface with DDR(8D-8D-8D) protocol,transfersthe two byte command eight bits per CK rising and falling
edge
Before any erase transaction can be accepted by the device, a Write Enable (WRENB_0_0) transaction must be
issued and decoded by the device. Erase transactions can only be executed by the device if the Write/Program
Enable bit (WRPGEN) in the Status Register is set to ‘1’ to enable erase operations. When an erase transaction is
completed, the WRPGEN bit is reset to a ‘0’.
While the erase transaction is in progress, the Status Register 1 may be read to check the value of the Device
Ready/Busy (RDYBSY) bit. The RDYBSY bit is a ‘1’ during the self-timed erase transaction, and is a ‘0’ when it is
completed.
The ERSERR bit in STR1V[5] can be checked to determine if any error occurred during the erase transaction.
An erase transaction applied to a sector that has been Write Protected through the Block Protection bits or ASP,
will not be executed and will set the ERSERR status fail bit.
Erase transactions will be initiated when CS# is driven into the logic HIGH state.
When the device is shipped from the factory the default erase state is all bytes are FFh.
4.11.1
Erase 4KB sector transaction
The Erase 4KB Sector (ER004_4_0) transaction sets all the bits of a 4KB sector to 1 (all bytes are FFh) (see Trans-
action table on page 95).
This transaction is ignored when the device is configured for uniform sectors only (CFR3V[3] = 1). If the Erase
4KB sector transaction is issued to a non-4KB sector address, the device will abort the operation and will not set
the ERSERR status fail bit.
Table 33
Program Related Registers and Transactions
Related registers
Related SPI transactions
(see Table 75 on page 95)
Related octal transactions
(see Table 78 on page 99)
Status Register 1 (STR1N, STR1V)
(see Table 41 on page 76)
Write Enable (WRENB_0_0)
Write Enable (WRENB_0_0)
Configuration Register 5 (CFR5N, CRF5V)
(see Table 54 on page 85)
Program Page (PRPGE_4_1)
Program Page (PRPGE_4_1)
Advance Sector Protect Register (ASPO)
(see Table 61 on page 88)
Program Secure Silicon (PRSSR_4_1)
Program Secure Silicon (PRSSR_4_1)
ASP PPB Lock (PPLV) (see Table 63 on page 89)
Program Persistent Protection Bit (PRPPB_4_0)
Program Persistent Protection Bit (PRPPB_4_0)
ECC Status Register (ECSV)
(see Table 58 on page 86)
Clear Program and Erase Failure Flags
(CLPEF_0_0)
Clear Program and Erase Failure Flags
(CLPEF_0_0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com