Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 41Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 42Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 43Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 44Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 45Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 46Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 47Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 48Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 138 page
background image
Datasheet
45 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Features
4.5.2.2
Dynamic DYB (volatile) sector protection
Dynamic Protection Bits (DYB) are volatile and unique for each sector and can be individually modified. DYBs only
control protection for sectors that have their PPBs cleared. By issuing the DYB Write transaction, the DYB are set
to 0 or cleared to 1, thus placing each sector in the protected or unprotected state respectively. This feature
allows software to easily protect sectors against inadvertent changes, yet does not prevent the easy removal of
protection when changes are needed. The DYB can be set to 0 or cleared to 1 as often as needed
In Dynamic Sector Protection scheme, an option is provided to reset all DYB volatile protection bits to '0' upon
power up (protected), essentially protecting all sectors from erase or program. Selecting bit 4 in the Advanced
Sector Protection Register (ASPO[4] - ASPDYB) selects the Dynamic Protection (DYB) for all sectors at power-up
protection scheme. These DYB bits can be individually set to '1', if desired. The Dynamic Sector Protection
scheme flowchart showing power up protection is shown in Figure 47.
Figure 47
Dynamic sector protection scheme flowchart
4.5.2.3
Permanent/temporary PPB (nonvolatile) sector protection
Each nonvolatile bit (PPB) provides nonvolatile protection for an individual memory sector, which remains
locked (protection enabled) until its corresponding bit is cleared to 1. There are two options to control the PPB
based nonvolatile selection in ASP, namely Permanent and Temporary.
4.5.2.4
Permanent PPB protection scheme
The PPB are located in a separate nonvolatile flash array. One of the PPB bits is assigned to each sector. When a
PPB is programmed to 0 its related sector is protected from program and erase operations. The PPB are
programmed individually but must be erased as a group, similar to the way individual words may be programmed
in the main array but an entire PPB sector must be erased at the same time. Programming a PPB bit requires the
typical word programming time. During a PPB bit programming operation or PPB bit erasing, the Status Register
can be accessed to determine when the operation has completed. Erasing all the PPBs requires typical sector
erase time.
Permanent PPB based protection scheme, as the name applies, is permanent and can never be altered. Once the
PPB architecture is decided, selecting bit 0 in Advanced Sector Protection Register (ASPO[0]) enables the
Permanent Protection for all PPB bits essentially disabling all PPB erase and program operations. ASPO is also
protected from write or program.
The Permanent PPB Protection scheme flowchart is shown in Figure 48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com