Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 103 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 103 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 99Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 100Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 101Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 102Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 103Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 104Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 105Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 106Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 107Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 138 page
background image
Reset
SRSTE_0_0
Software Reset Enable
command is required
immediately before a
SFRST_0_0 transaction
-
66
(CMD)
66
(CMD)
--
-
-
-
-
-
-
-
-
-
-
Figure 18/
Figure 19
166 / 200
N/A
SFRST_0_0
Software Reset transaction
restores the device to its
initial power up state, by
reloading volatile registers
from nonvolatile default
values
SFRSE_0
_0
99
(CMD)
99
(CMD)
--
-
-
-
-
-
-
-
-
-
-
Deep
power
down
ENDPD_0_0
Enter Deep Power Down
Mode transaction shifts
device in the lowest power
consumption mode
-
B9
(CMD)
B9
(CMD)
--
-
-
-
-
-
-
-
-
-
-
Table 78
Octal (8S-8S-8S, 8D-8D-8D) transaction table (Continued)
Note
32. In case of Octal DDR protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com