Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 105 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 105 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 101Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 102Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 103Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 104Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 105Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 106Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 107Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 108Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 109Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 138 page
background image
Datasheet
105 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Electrical characteristics
7.4
Capacitance characteristics
7.5
Latchup characteristics
7.6
DC characteristics
7.6.1
Input signal overshoot
During DC conditions, input or I/O signals should remain equal to or between VSSQ and VCCQ. During voltage
transitions, inputs or I/Os may overshoot VSSQ to –1.0V or overshoot to VCCQ +1.0V, for periods up to 20 ns.
Figure 68
Maximum negative overshoot waveform
Figure 69
Maximum positive overshoot waveform
Table 81
Capacitance
Symbol
Parameter
Test conditions
Typ
Max
Unit
CIN
Input Capacitance (applies to CK, CS#, RESET#)
1MHz
3.0
7.50
pF
COUT
Output Capacitance (applies to All I/O)
6.50
Table 82
Latchup specifications[37]
Description
Min
Max
Unit
Input voltage with respect to VSSQ on all input only connections
1.0
VCCQ + 1.0
V
Input voltage with respect to VSSQ on all I/O connections
VCCQ Current
100
+100
mA
Note
37. Excludes power supply VCC. Test conditions: VCC = 1.8V / 3.0V, one connection at a time tested, connections not being tested are at VSS.
VSSQ
VSSQ
VCCQ
VCCQ
- 1.0 V
20ns Max
VSSQ
VCCQ
VCCQ + 1.0 V
VCCQ
20ns Max
VSSQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com