Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 108 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 108 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 104Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 105Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 106Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 107Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 108Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 109Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 110Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 111Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 112Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 138 page
background image
Datasheet
108 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Electrical characteristics
7.7
AC test conditions
Figure 70
Test setup
Table 84
AC measurement conditions[42]
Parameter
Min
Max
Unit
Reference Figure
Load Capacitance (CL)
15
pF
Figure 70
Input Pulse Voltage
0
VCCQ
V
Figure 72
CK Rise (tCRT1) and Fall (tCFT1) Slew Rates at 200MHz (HS-T)[41]
1.13
V/ns
Figure 75
CK Rise (tCRT2) and Fall (tCFT2) Slew Rates at 166MHz (HL-T)[41]
1.72
Data Rise (tDRT1) and Fall (tDFT1) Slew Rates at 200MHz (HS-T)[41]
1.13
Figure 72
Data Rise (tDRT2) and Fall (tDFT2) Slew Rates at 166MHz (HL-T)[41]
1.72
VIL(ac)
0.30 VCCQ
0.30 VCCQ
V
VIH(ac)
0.7 VCCQ
1.30 VCCQ
VOH(ac)
0.75 VCCQ
Figure 73 /
Figure 74
VOL(ac)
0.25 VCCQ
Input Timing Ref Voltage
0.5 VCC
Output Timing Ref Voltage
0.5 VCC
Notes
41. Input slew rate measured from input pulse min to max at VCC max.
42. AC characteristics tables assume clock and data signals have the same slew rate (slope).
Device
Under
Test
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com