Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 112 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 112 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 108Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 109Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 110Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 111Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 112Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 113Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 114Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 115Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 116Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 138 page
background image
Datasheet
112 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Timing characteristics
tPEDS
Program/Erase/Data Integrity Check Suspend
80
µs
tPEDRS
Program/Erase/Data Integrity Check Resume to next
Program/Erase/Data Integrity Check Suspend
(256T / 512T / 01GT)
250 / 
100 / 100
/ 100
Table 85
Timing characteristics[45] (Continued)
Symbol
Parameter
Min
Typ
Max
Unit
Reference
figure
Notes
43. Full VCC range and CL = 15pF.
44. Output HI-Z is defined as the point where data is no longer driven.
45. Applicable across all operating temperature options.
46. If Reset# is asserted during the end of tPU, the device will remain in the reset state and tRH will determine when CS# may go Low.
47. Sum of tRP and tRH must be equal to or greater than tRPH.
48. Typical program and erase times assume the following conditions: 25°C, VCC = 1.8V and 3.0V; checkerboard data pattern.
49. The programming time for any OTP programming transaction is the same as tPP. This includes PRSSR_4_1.
50. The programming time for the PRPPB_4_0 transaction is the same as tPP. The erase time for ERPPB_0_0 transaction is the same as tSE.
51. Values are guaranteed by characterization and not 100% tested in production.
52. Guaranteed by design.
53. The Joint Electron Device Engineering Council (JEDEC) standard JESD22-A117 defines the procedural requirements for performing valid endurance
and retention tests based on a qualification specification. This methodology is intended to determine the ability of a flash device to sustain repeated
data changes without failure (program/erase endurance) and to retain data for the expected life (data retention). Endurance and retention qualifica-
tion specifications are specified in JESD47 or may be developed using knowledge-based methods as in JESD94.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com