Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 116 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 116 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 112Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 113Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 114Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 115Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 116Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 117Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 118Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 119Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 120Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 138 page
background image
Datasheet
116 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Device identification
9
Device identification
9.1
JEDEC SFDP Rev D
9.1.1
JEDEC SFDP Rev D header table
Table 86
JEDEC SFDP Rev D header table
SFDP byte address
SFDP DWORD name
Data
Description
00h
SFDP Header
53h
This is the entry point for Read SFDP (5Ah) command i.e., location zero within SFDP
space ASCII “S”
01h
46h
ASCII “F”
02h
44h
ASCII “D”
03h
50h
ASCII “P”
04h
08h
SFDP Minor Revision (08h = JEDEC JESD216 Revision D)
05h
01h
SFDP Major Revision (01h = JEDEC JESD216 Revision D)
06h
05h
Number of Parameter Headers (zero based, 05h = 6 parameters)
07h
FEh
xSPI NOR Profile 1 Octal, (8D, 8D, 8D) operation, 4-byte addressing for SFDP command,
8 WAIT states (Booting up in 1S-1S-1S mode)
08h
1st Parameter Header
00h
Parameter ID LSB (00h = JEDEC SFDP Basic SPI Flash Parameter)
09h
00h
Parameter Table Minor Revision (00h = JEDEC JESD216 Revision D)
0Ah
01h
Parameter Table Major Revision (01h = JEDEC JESD216 Revision D)
0Bh
14h
Parameter Table Length (14h = 20 DWORDs are in the Parameter table)
0Ch
00h
Parameter Table Pointer Byte 0 (DWORD = 4 byte aligned)
JEDEC Basic SPI Flash parameter byte offset = 0100h address
0Dh
01h
Parameter Table Pointer Byte 1
0Eh
00h
Parameter Table Pointer Byte 2
0Fh
FFh
Parameter ID MSB (FFh = JEDEC defined Parameter)
10h
2nd Parameter Header
84h
Parameter ID LSB (84h = 4-Byte Address Instruction Table)
11h
00h
Parameter Table Minor Revision (00h = JEDEC JESD216 Revision D)
12h
01h
Parameter Table Major Revision (01h = JEDEC JESD216 Revision D)
13h
02h
Parameter Table Length (2h = 2 DWORDs are in the Parameter table)
14h
50h
Parameter Table Pointer Byte 0 (DWORD = 4-byte aligned)
4-Byte Address Instruction Table byte offset = 0150h address
15h
01h
Parameter Table Pointer Byte 1
16h
00h
Parameter Table Pointer Byte 2
17h
FFh
Parameter ID MSB (FFh = JEDEC defined Parameter)
18h
3rd Parameter Header
05h
Parameter ID LSB (05h = JEDEC xSPI Profile 1.0)
19h
00h
Parameter Table Minor Revision (00h = JEDEC JESD216 Revision D)
1Ah
01h
Parameter Table Major Revision (01h = JEDEC JESD216 Revision D)
1Bh
05h
Parameter Table Length (5h = 5 DWORDs are in the Parameter table)
1Ch
58h
Parameter Table Pointer Byte 0 (DWORD = 4-byte aligned)
JEDEC xSPI Profile 1.0 = 0158h address
1Dh
01h
Parameter Table Pointer Byte 1
1Eh
00h
Parameter Table Pointer Byte 2
1Fh
FFh
Parameter ID MSB (FFh = JEDEC defined Parameter)
20h
4th Parameter Header
87h
Parameter ID LSB (87h = JEDEC Status, Control and Configuration Register Map)
21h
00h
Parameter Table Minor Revision (00h = JEDEC JESD216 Revision D)
22h
01h
Parameter Table Major Revision (01h = JEDEC JESD216 Revision D)
23h
1Ch
Parameter Table Length (1Ch = 28 DWORDs are in the Parameter table)
24h
6Ch
Parameter Table Pointer Byte 0 (DWORD = 4-byte aligned)
JEDEC Status, Control and Configuration Register Map = 016Ch address
25h
01h
Parameter Table Pointer Byte 1
26h
00h
Parameter Table Pointer Byte 2
27h
FFh
Parameter ID MSB (FFh = JEDEC defined Parameter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com