Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 119 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 119 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 115Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 116Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 117Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 118Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 119Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 120Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 121Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 122Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 123Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 138 page
background image
Datasheet
119 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Device identification
124h
JEDEC Basic Flash
Parameter DWORD-10
23h
Bits 31:30 = Erase type 4 Erase, Typical time units (00b: 1 ms, 01b: 16 ms, 10b: 128 ms,
11b: 1 s) = 128 ms = 10b
Bits 29:25 = Erase type 4 Erase, Typical time count = 00101b (typ erase time = count
+1 * units = 6 * 128 ms = 768 ms)
Bits 24:23 = Erase type 3 Erase, Typical time units (00b: 1 ms, 01b: 16 ms, 10b: 128 ms,
11b: 1 s) = 1S = 11b (RFU)
Bits 22:18 = Erase type 3 Erase, Typical time count = 11111b (RFU)
Bits 17:16 = Erase type 2 Erase, Typical time units (00b: 1 ms, 01b: 16 ms, 10b: 128 ms,
11b: 1 s) = 1S = 11b (RFU)
Bits 15:11 = Erase type 2 Erase, Typical time count = 11111b (RFU)
Bits 10:9 = Erase type 1 Erase, Typical time units (00b: 1 ms, 01b: 16 ms, 10b: 128 ms,
11b: 1 s) = 16ms = 01b
Bits 8:4 = Erase type 1 Erase, Typical time count = 00010b (typ erase time = count +1
* units = 3 * 16 ms = 48 ms)
Bits 3:0 = Count = (Max Erase time / (2 * Typical Erase time))- 1 = 0011b
125h
FAh
126h
FFh
127h
8Bh
128h
JEDEC Basic Flash
Parameter DWORD-11
82h
Bits 31 = Reserved = 1b
Bits 30:29 = Chip Erase Typical time units (00b: 16 ms, 01b: 256 ms, 10b: 4 s, 11b: 64
s) = 11b (256M, 512M, and 1G)
Bits 28:24 = Chip Erase Typical time count = 00001b (256M), 00011b (512M), and
00110b (1G)
Bits 23:19 = Byte Program Typical Time, additional byte = 11111b
Bits 18:14 = Byte Program Typical Time, first byte = 11111b
Bits 13 = Page Program Typical Time unit (0: 8 μs, 1: 64 μs) = 64 μs = 1b
Bits 12:8 = Page Program Typical Time Count = 00111 (typ Program time = count +1 *
units = 8 * 64 μs = 512 μs)
Bits 7:4 = Page Size (256B) = 2^N bytes = 1000h
Bits 3:0 = Count = [Max page program time / (2 * Typical page program time)] - 1 =
0010b
129h
E7h
12Ah
FFh
12Bh
E1h for 256M
E3h for 512M
E6h for 1G
12Ch
JEDEC Basic Flash
Parameter DWORD-12
ECh
Bit 31 = Suspend and Resume supported = 0b
Bits 30:29 = Suspend in-progress erase max latency units (00b: 128ns, 01b: 1μs, 10b:
8μs, 11b: 64μs) = 8 μs = 10b
Bits 28:24 = Suspend in-progress erase max latency count = 01001b, max erase
suspend latency = count +1 * units
= 10 * 8 μs = 80 μs
Bits 23:20 = Erase resume to suspend interval count = 0001b, interval = count +1 * 64
μs = 2 * 64 μs = 128 μs
Bits 19:18 = Suspend in-progress program max latency units (00b: 128ns, 01b: 1μs,
10b: 8μs, 11b: 64μs)
= 8 μs = 10b
Bits 17:13 = Suspend in-progress program max latency count = 01001b, max program
suspend latency = count +1 * units
= 10 * 8 μs = 80 μs
Bits 12:9 = Program resume to suspend interval count = 0001b, interval = count +1 *
64 μs = 2 * 64 μs = 128 μs
Bit 8 = Reserved = 1b
Bits 7:4 = Prohibited operations during erase suspend
= xxx0b: May not initiate a new erase anywhere (erase nesting not permitted)
+ xx1xb: May not initiate a page program in the erase suspended sector size
+ x1xxb: May not initiate a read in the erase suspended sector size
+ 1xxxb: The erase and program restrictions in bits 5:4 are sufficient
= 1110b
Bits 3:0 = Prohibited Operations During Program Suspend
= xxx0b: May not initiate a new erase anywhere (erase nesting not permitted)
+ xx0xb: May not initiate a new page program anywhere (program nesting not
permitted)
+ x1xxb: May not initiate a read in the program suspended page size
+ 1xxxb: The erase and program restrictions in bits 1:0 are sufficient
= 1100b
12Dh
23h
12Eh
19h
12Fh
49h
130h
JEDEC Basic Flash
Parameter DWORD-13
7Ah
Bits 7:0 = Program Resume Instruction = 7Ah (1S-1S-1S)
131h
B0h
Bits 15:8 = Program Suspend Instruction = B0h
132h
7Ah
Bits 23:16 = Erase Resume Instruction = 7Ah (1S-1S-1S)
133h
B0h
Bits 31:24 = Erase Suspend Instruction = B0h
134h
JEDEC Basic Flash
Parameter DWORD-14
F7h
Bits 7:4 = RFU = Fh
Bit 3:2 = Status Register Polling Device Busy = 01b: Legacy status polling supported =
Use legacy polling by reading the Status Register with 05h instruction and checking
WIP bit[0] (0 = ready; 1 = busy).
Bits 1:0 = RFU = 11b
135h
66h
Bit 31 = DPD Supported = supported = 0
Bits 30:23 = Enter DPD Instruction = B9h
Bits 22:15 = Exit DPD Instruction not supported = 00h
Bits 14:13 = Exit DPD to next operation delay units = (00b: 128 ns, 01b: 1 μs, 10b: 8 μs,
11b: 64 μs) = 64 μs = 11b
Bits 12:8 = Exit DPD to next operation delay count = 00110, Exit DPD to next operation
delay
= (count+1) * units = (6 + 1) * 64 μs = 448 μs
136h
80h
137h
5Ch
Table 87
JEDEC SFDP Rev D parameter table (Continued)
SFDP byte address
SFDP DWORD name
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com