Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 121 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 121 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 117Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 118Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 119Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 120Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 121Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 122Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 123Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 124Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 125Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 138 page
background image
Datasheet
121 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Device identification
150h
JEDEC 4-Byte Address
Instructions Parameter
DWORD-1
41h
Supported = 1, Not Supported = 0
Bits 31:25 = Reserved = 1111_111b
Bit 24 = Support for (1-8-8) Page Program Command, Instruction = 8Eh = 0b
Bit 23 = Support for (1-1-8) Page Program Command, Instruction = 84h = 0b
Bit 22 = Support for (1-8-8) DTR READ Command, Instruction = FDh = 0b
Bit 21 = Support for (1-8-8) FAST_READ Command, Instruction = CCh = 0b
Bit 20 = Support for (1-1-8) FAST_READ Command, Instruction = 7Ch = 0b
Bit 19 = Support for nonvolatile individual sector lock write command, Instruction =
E3h = 1b
Bit 18 = Support for nonvolatile individual sector lock read command, Instruction =
E2h = 1b
Bit 17 = Support for volatile individual sector lock Write command, Instruction = E1h
= 1b
Bit 16 = Support for volatile individual sector lock Read command, Instruction = E0h
= 1b
Bit 15 = Support for (1-4-4) DTR_Read Command, Instruction = EEh = 0b
Bit 14 = Support for (1-2-2) DTR_Read Command, Instruction = BEh = 0b
Bit 13 = Support for (1-1-1) DTR_Read Command, Instruction = 0Eh = 0b
Bit 12 = Support for Erase Command – Type 4 = 1b
Bit 11 = Support for Erase Command – Type 3 = 0b
Bit 10 = Support for Erase Command – Type 2 = 0b
Bit 9 = Support for Erase Command – Type 1 = 1b
Bit 8 = Support for (1-4-4) Page Program Command, Instruction = 3Eh = 0b
Bit 7 = Support for (1-1-4) Page Program Command, Instruction = 34h = 0b
Bit 6 = Support for (1-1-1) Page Program Command, Instruction = 12h = 1b
Bit 5 = Support for (1-4-4) FAST_READ Command, Instruction = ECh = 0b
Bit 4 = Support for (1-1-4) FAST_READ Command, Instruction = 6Ch = 0b
Bit 3 = Support for (1-2-2) FAST_READ Command, Instruction = BCh = 0b
Bit 2 = Support for (1-1-2) FAST_READ Command, Instruction = 3Ch = 0b
Bit 1 = Support for (1-1-1) FAST_READ Command, Instruction = 0Ch = 0b
Bit 0 = Support for (1-1-1) READ Command, Instruction = 13h = 1b
151h
12h
152h
0Fh
153h
FEh
154h
JEDEC 4-Byte Address
Instructions Parameter
DWORD-2
21h
Bits 31:24 = DCh = Instruction for Erase Type 4
Bits 23:16 = Instruction for Erase Type 3: RFU
Bits 15:8 = Instruction for Erase Type 2: RFU
Bits 7:0 = 21h = Instruction for Erase Type 1
155h
FFh
156h
FFh
157h
DCh
158h
JEDEC xSPI Profile 1.0
DWORD-1
00h
Bits 7:0 = Read Fast Wrapped command not supported = 00h
159h
EEh
Bits 15:8 = Read Fast command = EEh (DDR Read)
15Ah
80h
Bit 23 = Number of Additional Modifier Bytes Used for Write any Register command =
4 bytes = 1b
Bit 22 = Number of Data Bytes Used for Write Register command = 1 byte = 0b
Bits 21:16 = Reserved = 000000b
15Bh
0Bh
Bit 31 = xSPI Support, Device implements the SFDP command in 8D-8D-8D protocol
mode as defined in the Jedec
xSPI spec = 0b
Bit 30 = SFDP Command in 8D-8D-8D mode  Dummy Cycles = 8 bytes = 0b
Bit 29 = Number of Additional Modifier Bytes Used for Read Status Register command
= 0 bytes = 0b
Bit 28 = Initial Latency (CK cycles) for Read Status Register command = 3 CK Cycle = 0b
Bit 27 = Number of Additional Modifier Bytes Used for Read Register command = 4
bytes = 1b
Bit 26 = Initial Latency (CK cycles) for Read Volatile Register command = 4CK = 0b
Bit 25 = Initial Latency (CK cycles) for Read Volatile Non-Register command = 8 CK
cycles = 1b
Bit 24 = Number of Additional Modifier Bytes Used for Write Status-Cfg Register
command= 4 bytes = 1b
15Ch
JEDEC xSPI Profile 1.0
DWORD-2
71h
Write Nonvolatile Register command
15Dh
71h
Write Volatile Register command
15Eh
65h
Read NV Register command
15Fh
65h
Read Volatile Register command
Table 87
JEDEC SFDP Rev D parameter table (Continued)
SFDP byte address
SFDP DWORD name
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com