Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 125 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 125 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 121Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 122Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 123Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 124Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 125Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 126Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 127Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 128Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 129Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 138 page
background image
Datasheet
125 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Device identification
1ACh
Status, Control and
Configuration Register
Map DWORD-17
71h
Bits 7:0 = Command used for write access = 71h
1ADh
65h
Bits 15:8 = Command used for read access = 65h
1AEh
06h
Address of register where Octal Mode Enable nonvolatile bit is located = 06h (Config-
uration Reg - 5 nonvolatile)
1AFh
90h
Bit 31 = Octal Mode Enable nonvolatile bit supported = 1b
Bits 30 = Octal Mode Enable nonvolatile bit polarity: Positive (Octal Mode Enable bit
= 1 indicates Octal mode is enabled) = 0b
Bit 29 = No OTP Bit = 0b
Bits 28 = Bit is set/cleared by commands using address = 1b
Bit 27 = Not supported = 0b
Bits 26:24 = Bit location of Octal Mode enable bit in register = bit [0] = 000b
1B0h
Status, Control and
Configuration Register
Map DWORD-18
00h
Not Supported
1B1h
00h
1B2h
00h
1B3h
00h
1B4h
Status, Control and
Configuration Register
Map DWORD-19
00h
Not Supported
1B5h
00h
1B6h
00h
1B7h
00h
1B8h
Status, Control and
Configuration Register
Map DWORD-20
71h
Bits 7:0 = Command used for write access = 71h
1B9h
65h
Bits 15:8 = Command used for read access = 65h
1BAh
06h
Address of register where STR Octal Mode Enable bit is located = 800006h (Configu-
ration Reg - 5 Volatile)
1BBh
D1h
Bit 31 = STR Octal Mode Enable volatile bit supported = 1b
Bits 30 = STR Octal Mode Enable volatile bit polarity: Inverted (STR Octal Mode Enable
= 0 indicates STR Octal Mode is enabled) = 1b
Bit 29 = Reserved = 0b
Bits 28 = Bit is set/cleared by commands using address = 1b
Bit 27 = Not supported = 0b
Bits 26:24 = Bit location of STR Octal Mode Enable bit in register = bit [1] = 001b
1BCh
Status, Control and
Configuration Register
Map DWORD-21
71h
Bits 7:0 = Command used for write access = 71h
1BDh
65h
Bits 15:8 = Command used for read access = 65h
1BEh
06h
Address of register where STR Octal Mode Enable bit is located = 06h (Configuration
Reg - 5 Nonvolatile)
1BFh
D1h
Bit 31 = STR Octal Mode Enable nonvolatile bit supported = 1b
Bits 30 = STR Octal Mode Enable nonvolatile bit polarity: Inverted (STR Octal Mode
Enable = 0 indicates STR Octal Mode is enabled) = 1b
Bit 29 = No OTP Bit = 0b
Bits 28 = Bit is set/cleared by commands using address = 1b
Bit 27 = Not supported = 0b
Bits 26:24 = Bit location of STR Octal Mode Enable nonvolatile bit in register = bit [1]
= 001b
1C0h
Status, Control and
Configuration Register
Map DWORD-22
71h
Bits 7:0 = Command used for write access = 71h
1C1h
65h
Bits 15:8 = Command used for read access = 65h
1C2h
06h
Address of register where DTR Octal Mode Enable volatile bit is located = 800006h
(Configuration Reg - 5 Volatile)
1C3h
91h
Bit 31 = DTR Octal Mode Enable volatile bit supported = 1b
Bits 30 = DTR Octal Mode Enable volatile bit polarity positive (DSTR Octal Mode
Enable = 1 indicates DTR Octal Mode is enabled) = 0b
Bit 29 = Reserved = 0b
Bits 28 = Bit is set/cleared by commands using address = 1b
Bit 27 = Not supported = 0b
Bits 26:24 = Bit location of DTR Octal Mode Enable volatile bit in register = bit [1] = 001b
Table 87
JEDEC SFDP Rev D parameter table (Continued)
SFDP byte address
SFDP DWORD name
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com