Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 128 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 128 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 124Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 125Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 126Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 127Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 128Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 129Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 130Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 131Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 132Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 138 page
background image
Datasheet
128 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Device identification
Table 89
JEDEC SFDP Rev D, sector map parameter table
SFDP byte
address
SFDP DWORD name
Data
Description
1ECh
JEDEC Sector Map
Parameter DWORD-1
Config. Detect-1
FCh
Config. Detect -1 Uniform 256KB Sectors or Hybrid Sectors
Bits 31:24 = Read data mask = 0000_1000b: Select bit 3 of the data byte for UNHYSA value 0
= Hybrid map with 4KB parameter sectors 1= Uniform map
Bits 23:22 = Configuration detection command address length = 11b: Variable length
Bits 21:20 = RFU = 11b
Bits 19:16 = Configuration detection command latency = 1111b: variable latency
Bits 15:8 = Configuration detection instruction = 65h: Read any register
Bits 7:2 = RFU = 111111b
Bit 1 = Command Descriptor = 0
Bit 0 = Not the end descriptor = 0
1EDh
65h
1EEh
FFh
1EFh
08h
1F0h
JEDEC Sector Map
Parameter DWORD-2
Config. Detect-1
04h
Bits 31:0 = Address Value Configuration Register 3 (bit 3) = 00800004h
1F1h
00h
1F2h
80h
1F3h
00h
1F4h
JEDEC Sector Map
Parameter DWORD-3
Config. Detect-2
FCh
Config. Detect-2 4KB Hybrid Sectors Split between Top and Bottom
Bits 31:24 = Read data mask = 0100_0000b: Select bit 6of the data byte for SP4KBS value
0 = 4KB parameter sectors are grouped together
1 = 4KB parameter sectors are split between High and Low Addresses
Bits 23:22 = Configuration detection command address length = 11b: Variable length
Bits 21:20 = RFU = 11b
Bits 19:16 = Configuration detection command latency = 1111b: variable latency
Bits 15:8 = Configuration detection instruction = 65h: Read any register
Bits 7:2 = RFU = 111111b
Bit 1 = Command Descriptor = 0
Bit 0 = Not the end descriptor = 0
1F5h
65h
1F6h
FFh
1F7h
40h
1F8h
JEDEC Sector Map
Parameter DWORD-4
Config. Detect-2
02h
Bits 31:0 = Address Value Configuration Register 1 (bit 6)= 00800002h
1F9h
00h
1FAh
80h
1FBh
00h
1FCh
JEDEC Sector Map
Parameter DWORD-5
Config. Detect-3
FDh
Config Detect-3 4KB Hybrid Sectors on Top or Bottom
Bits 31:24 = Read data mask = 0000_0100b: Select bit 2 of the data byte for TB4KBS value
0 = 4KB parameter sectors at bottom
1 = 4KB parameter sectors at top
Bits 23:22 = Configuration detection command address length = 11b: Variable length
Bits 21:20 = RFU = 11b
Bits 19:16 = Configuration detection command latency = 1111b: variable latency
Bits 15:8 = Configuration detection instruction = 65h: Read any register
Bits 7:2 = RFU = 111111b
Bit 1 = Command Descriptor = 0
Bit 0 = End of command descriptor = 1
1FDh
65h
1FEh
FFh
1FFh
04h
200h
JEDEC Sector Map
Parameter DWORD-6
Config. Detect-3
02h
Bits 31:0 = Address Value Configuration Register 1 (bit 2)= 00800002h
201h
00h
202h
80h
203h
00h
204h
JEDEC Sector Map
Parameter DWORD-7
Config-0 Header
FEh
Configuration Index 00h 4KB sectors at bottom with remainder 256KB
Bits 31:24 = RFU = FFh
Bits 23:16 = Region count (DWORDs -1) = 02h: Three regions
Bits 15:8 = Configuration ID = 00h, 4KB sectors bottom with remainder 256KB
Bits 7:2 = RFU = 111111b
Bit 1 = Map Descriptor = 1
Bit 0 = Not the end descriptor = 0
205h
00h
206h
02h
207h
FFh
208h
JEDEC Sector Map
Parameter DWORD-8
Config-0 Region-0
F1h
Region 0 of 4KB sectors
Bits 31:8 = Region size (32 4KB) = 0001FFh: Region size as count-1 of 256 Byte units = 32 x 4KB
sectors = 128KB Count = 128KB/256 = 512, value = count -1 = 512-1 = 511 = 1FFh
Bits 7:4 = RFU = Fh Erase Type not supported = 0 / supported = 1
Bit 3 = Erase Type 4 support = 0b ---Erase Type 4 is not defined
Bit 2 = Erase Type 3 support = 0b ---Erase Type 3 is 256KB erase and is not supported in the
4KB sector region
Bit 1 = Erase Type 2 support = 0b ---Erase Type 2 is 64KB erase and is not supported
Bit 0 = Erase Type 1 support = 1b ---Erase Type 1 is 4KB erase and is supported in the 4KB
sector region
209h
FFh
20Ah
01h
20Bh
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com