Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 127 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 127 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 123Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 124Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 125Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 126Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 127Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 128Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 129Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 130Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 131Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 138 page
background image
Datasheet
127 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Device identification
Sector map parameter table notes
Table 88 provides a means to identify how the device address map is configured and provides a sector map for
each supported configuration. This is done by defining a sequence of commands to read out the relevant config-
uration register bits that affect the selection of an address map. When more than one configuration bit must be
read, all the bits are concatenated into an index value that is used to select the current address map.
To identify the sector map configuration in device the following configuration bits are read in the following MSb
to LSb order to form the configuration map index value:
• CFR3V[3] - 0 = Hybrid Architecture, 1 = Uniform Architecture
• CFR1V[2] - 0 = 4KB parameter sectors at bottom, 1 = 4KB sectors at top
• CFR1V[6] - 0 = 4KB parameter grouped together, 1 = 4KB sectors split between bottom and top
• The value of some configuration bits may make other configuration bit values not relevant (don’t care), hence
not all possible combinations of the index value define valid address maps. Only selected configuration bit
combinations are supported by the SFDP Sector Map Parameter table (see Table 89). Other combinations must
not be used in configuring the sector address map whenusingthis SFDP parameter table to determine the sector
map. The following index value combinations are supported.
1E4h
Command Sequences
to Change to Octal DDR
(8D-8D-8D) mode
DWORD -3
00h
Bits 7:0 = Byte 3 of second command sequence - volatile register address
1E5h
80h
Bits 15:8 = Byte 2 of second command sequence - volatile register address
1E6h
71h
Bits 23:16 = Byte 1 of second command sequence
1E7h
05h
Bits 31:24 = Length of second command sequence = 5 bytes
1E8h
Command Sequences
to Change to Octal DDR
(8D-8D-8D)
mode DWORD -4
00h
Bits 7:0 = Byte 7 of second command sequence
1E9h
00h
Bits 15:8 = Byte 6 of second command sequence
1EAh
43h
Bits 23:16 = Byte 5 of second command sequence
1EBh
06h
Bits 31:24 = Byte 4 of second command sequence - volatile register address
Table 88
Sector map parameter
CFR3V[3]
CFR1V[6]
CFR1V[2]
Index value
Description
0
0
0
00h
4KB sectors at bottom with remainder 256KB sectors
0
0
1
01h
4KB sectors at top with remainder 256KB sectors
0
1
0
02h
4KB sectors split between top and bottom with remainder 256KB sectors
1
0
0
04h
Uniform 256KB sectors
Table 87
JEDEC SFDP Rev D parameter table (Continued)
SFDP byte address
SFDP DWORD name
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com