Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 129 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 129 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 125Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 126Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 127Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 128Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 129Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 130Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 131Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 132Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 133Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 138 page
background image
Datasheet
129 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Device identification
20Ch
JEDEC Sector Map
Parameter DWORD-9
Config-0 Region-1
F8h
Region 1 of 128KB sector
Bits 31:8 = Region size = 0001FFh: Region size as count-1 of 256 Byte units = 1 x 128KB sectors
= 128KB Count = 128KB/256 = 512, value = count -1 = 512-1 = 511 = 1FFh
Bits 7:4 = RFU = Fh Erase Type not supported = 0 / supported = 1
Bit 3 = Erase Type 4 support = 1b ---Erase Type 4 is 256KB erase and is supported in the 128KB
sector region
Bit 2 = Erase Type 3 support = 0b ---Erase Type 3 is not defined
Bit 1 = Erase Type 2 support = 0b ---Erase Type 2 is not defined
Bit 0 = Erase Type 1 support = 0b --- Erase Type 1 is 4KB erase and is not supported in the 4KB
sector region
20Dh
FFh
20Eh
01h
20Fh
00h
210h
JEDEC Sector Map
Parameter DWORD-10
Config-0 Region-2
F8h
Region 2 Uniform 256KB sectors
Bits 31:8 = 512Mb device Region size = 03FBFFh:
Region size as count-1 of 256 Byte units = 255 x 256KB sectors = 65,280KB Count =
65,280KB/256 = 261,120 value = count -1 = 261,120-1= 261119 =3FBFFh
Bits 31:8 = 1Mb device Region size = 01FEFFh: Region size as count-1 of 256 Byte units = 511
x 256KB sectors = 130,816KB Count = 130,816KB/256 = 523,364, value = count -1 = 523,364-1
= 523263 = 07FBFFh
Bits 7:4 = RFU = Fh Erase Type not supported = 0 / supported = 1
Bit 3 = Erase Type 4 support = 1b ---Erase Type 4 is 256KB erase and is supported in the 256KB
sector
region
Bit 2 = Erase Type 3 support = 0b ---Erase Type 3 is not defined
Bit 1 = Erase Type 2 support = 0b ---Erase Type 2 is not defined
Bit 0 = Erase Type 1 support = 0b --- Erase Type 1 is 4KB erase and is not supported in the
256KB sector region
211h
FFh
212h
FBh
213h
03h (512Mb)
07h (1Mb)
214h
JEDEC Sector Map
Parameter DWORD-11
Config-3 Header
FEh
Configuration Index 01h 4KB sectors at Top with remainder 256KB
Bits 31:24 = RFU = FFh
Bits 23:16 = Region count (DWORDs -1) = 02h: Three regions
Bits 15:8 = Configuration ID = 01h: 4KB sectors at top with remainder 256KB sectors
Bits 7:2 = RFU = 111111b
Bit 1 = Map Descriptor = 1
Bit 0 = Not the end descriptor = 0
215h
01h
216h
02h
217h
FFh
218h
JEDEC Sector Map
Parameter DWORD-12
Config-3 Region-0
F8h
Region 0 Uniform 256KB sectors
Bits 31:8 = 512Mb device Region size = 03FBFFh:
Region size as count-1 of 256 Byte units = 255 x 256KB sectors = 65,280KB Count =
65,280KB/256 = 261,120 value = count -1 = 261,120-1= 261119 =3FBFFh
Bits 31:8 = 1Gb device Region size = 07FBFFh: Region size as count-1 of 256 Byte units = 511
x 256KB sectors = 130,816KB Count = 130,816KB/256 = 523,264, value = count -1 = 523,364-1
= 523263 = 07FBFFh
Bits 7:4 = RFU = Fh Erase Type not supported = 0 / supported = 1
Bit 3 = Erase Type 4 support = 1b ---Erase Type 4 is 256KB erase and is supported in the 256KB
sector
region
Bit 2 = Erase Type 3 support = 0b ---Erase Type 3 is not defined
Bit 1 = Erase Type 2 support = 0b ---Erase Type 2 is not defined
Bit 0 = Erase Type 1 support = 0b ---Erase Type 1 is 4KB erase and is not supported in the
256KB sector
region
219h
FFh
21Ah
FBh
21Bh
03h (512Mb)
07h (1Mb)
21Ch
JEDEC Sector Map
Parameter DWORD-13
Config-3 Region-1
F8h
Region 1 of 128KB sector
Bits 31:8 = Region size = 0001FFh: Region size as count-1 of 256 Byte units = 1 x 128KB sectors =
128KB Count = 128KB/256 = 512, value = count -1 = 512-1 =511 = 1FFh
Bits 7:4 = RFU = Fh Erase Type not supported = 0 / supported = 1
Bit 3 = Erase Type 4 support = 1b ---Erase Type 4 is 256KB erase and is supported in the 128KB
sector
region
Bit 2 = Erase Type 3 support = 0b ---Erase Type 3 is not defined
Bit 1 = Erase Type 2 support = 0b ---Erase Type 2 is not defined
Bit 0 = Erase Type 1 support = 0b ---Erase Type 1 is 4KB erase and is not supported in the 4KB
sector
region
21Dh
FFh
21Eh
01h
21Fh
00h
220h
JEDEC Sector Map
Parameter DWORD-14
Config-3 Region-2
F1h
Region 2 of 4KB sectors
Bits 31:8 = Region size (32 4KB) = 0001FFh: Region size as count-1 of 256 Byte units = 32 x 4KB
sectors = 128KB Count = 128KB/256 = 512, value = count -1 = 512-1 =511 = 1FFh
Bits 7:4 = RFU = Fh Erase Type not supported = 0 / supported = 1
Bit 3 = Erase Type 4 support = 0b ---Erase Type 4 is not defined
Bit 2 = Erase Type 3 support = 0b ---Erase Type 3 is 256KB erase and is not supported in the
4KB sector region
Bit 1 = Erase Type 2 support = 0b ---Erase Type 2 is 64KB erase and is not supported
Bit 0 = Erase Type 1 support = 1b ---Erase Type 1 is 4KB erase and is supported in the 4KB
sector region
221h
FFh
222h
01h
223h
00h
Table 89
JEDEC SFDP Rev D, sector map parameter table (Continued)
SFDP byte
address
SFDP DWORD name
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com