Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 130 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 130 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 126Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 127Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 128Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 129Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 130Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 131Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 132Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 133Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 134Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 138 page
background image
Datasheet
130 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Device identification
224h
JEDEC Sector Map
Parameter DWORD-15
Config-1 Header
FEh
Configuration Index 02h 4KB sectors split between Bottom and Top with remainder 256KB
Bits 31:24 = RFU = FFh
Bits 23:16 = Region count (DWORDs -1) = 04h: Five regions
Bits 15:8 = Configuration ID = 02h: 4KB sectors split between bottom and top with remainder
256KB sectors
Bits 7:2 = RFU = 111111b
Bit 1 = Map Descriptor = 1
Bit 0 = Not the end descriptor = 0
225h
02h
226h
04h
227h
FFh
228h
JEDEC Sector Map
Parameter DWORD-16
Config-1 Region-0
F1h
Region 0 of 4KB sectors
Bits 31:8 = Region size (16 x 4KB) = 0000FFh: Region size as count-1 of 256 Byte units = 16 x 4KB
sectors = 64KB Count = 64KB/256 = 256, value = count -1 = 256-1 =255 = FFh
Bits 7:4 = RFU = Fh Erase Type not supported = 0 / supported = 1
Bit 3 = Erase Type 4 support = 0b ---Erase Type 4 is not defined
Bit 2 = Erase Type 3 support = 0b ---Erase Type 3 is 256KB erase and is not supported in the
4KB sector region
Bit 1 = Erase Type 2 support = 0b ---Erase Type 2 is 64KB erase and is not supported
Bit 0 = Erase Type 1 support = 1b ---Erase Type 1 is 4KB erase and is supported in the 4KB
sector region
229h
FFh
22Ah
00h
22Bh
00h
22Ch
JEDEC Sector Map
Parameter DWORD-17
Config-1 Region-1
F8h
Region 1 of 192KB sector
Bits 31:8 = Region size = 0002FFh: Region size as count-1 of 256 Byte units = 1 x 192KB sectors
= 192KB Count = 192KB/256 = 768, value = count -1 = 768-1 = 767 = 2FFh
Bits 7:4 = RFU = Fh Erase Type not supported = 0 / supported = 1
Bit 3 = Erase Type 4 support = 1b ---Erase Type 4 is 256KB erase and is supported in the 192KB
sector
region
Bit 2 = Erase Type 3 support = 0b ---Erase Type 3 is not defined
Bit 1 = Erase Type 2 support = 0b ---Erase Type 2 is not defined
Bit 0 = Erase Type 1 support = 0b --- Erase Type 1 is 4KB erase and is not supported in the 4KB
sector
region
22Dh
FFh
22Eh
02h
22Fh
00h
230h
JEDEC Sector Map
Parameter DWORD-18
Config-1 Region-2
F8h
Region 2 Uniform 256KB sectors
Bits 31:8 = 512Mb device Region size = 03F7FF:
Region size as count-1 of 256 Byte units = 254 x 256KB sectors = 65,024KB Count =
65,024KB/256 = 260,096 value = count -1 = 260,096-1 = 260,095 = 3F7FFh
Bits 31:8 = 1Gb device Region size = 07F7FFh: Region size as count-1 of 256 Byte units = 510 x
256KB sectors = 130,560KB Count = 130,560KB/256 = 522,240, value = count -1 = 522,240-1 =
522,239 = 7F7FFh
Bits 7:4 = RFU = Fh Erase Type not supported = 0 / supported = 1
Bit 3 = Erase Type 4 support = 1b ---Erase Type 4 is 256KB erase and is supported in the 256KB
sector
region
Bit 2 = Erase Type 3 support = 0b ---Erase Type 3 is not defined
Bit 1 = Erase Type 2 support = 0b ---Erase Type 2 is not defined
Bit 0 = Erase Type 1 support = 0b ---Erase Type 1 is 4KB erase and is not supported in the
256KB sector
region
231h
FFh
232h
F7h
233h
03h (512Mb)
07h (1Mb)
234h
JEDEC Sector Map
Parameter DWORD-19
Config-1 Region-3
F8h
Region 3 of 192KB sector
Bits 31:8 = Region size = 0002FFh: Region size as count-1 of 256 Byte units = 1 x 192KB sectors
= 192KB Count = 192KB/256 = 768, value = count -1 = 768-1 = 767 = 2FFh
Bits 7:4 = RFU = Fh Erase Type not supported = 0 / supported = 1
Bit 3 = Erase Type 4 support = 1b ---Erase Type 4 is 256KB erase and is supported in the 192KB
sector
region
Bit 2 = Erase Type 3 support = 0b ---Erase Type 3 is not defined
Bit 1 = Erase Type 2 support = 0b ---Erase Type 22 is not defined
Bit 0 = Erase Type 1 support = 0b ---Erase Type 1 is 4KB erase and is not supported in the 4KB
sector
region
235h
FFh
236h
02h
237h
00h
238h
JEDEC Sector Map
Parameter DWORD-20
Config-1 Region-5
F1h
Region 5 of 4KB sectors
Bits 31:8 = Region size (16 x 4KB) = 0000FFh: Region size as count-1 of 256 Byte units = 16 x 4KB
sectors = 64KB Count = 64KB/256 = 256, value = count -1 = 256-1 =255 = FFh
Bits 7:4 = RFU = Fh Erase Type not supported = 0 / supported = 1
Bit 3 = Erase Type 4 support = 0b ---Erase Type 4 is not defined
Bit 2 = Erase Type 3 support = 0b ---Erase Type 3 is 256KB erase and is not supported in the
4KB sector region
Bit 1 = Erase Type 2 support = 0b ---Erase Type 2 is 64KB erase and is not supported
Bit 0 = Erase Type 1 support = 1b ---Erase Type 1 is 4KB erase and is supported in the 4KB
sector region
239h
FFh
23Ah
00h
23Bh
00h
23Ch
JEDEC Sector Map
Parameter DWORD-21
Config-4 Header
FFh
Configuration Index 04h Uniform 256KB sectors
Bits 31:24 = RFU = FFh
Bits 23:16 = Region count (DWORDs -1) = 00h: One region
Bits 15:8 = Configuration ID = 04h: Uniform 256KB sectors
Bits 7:2 = RFU = 111111b
Bit 1 = Map Descriptor = 1
Bit 1= End of map descriptor = 1
23Dh
04h
23Eh
00h
23Fh
FFh
Table 89
JEDEC SFDP Rev D, sector map parameter table (Continued)
SFDP byte
address
SFDP DWORD name
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com