Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 134 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 134 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 130Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 131Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 132Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 133Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 134Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 135Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 136Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 137Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 138Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 134 / 138 page
background image
Datasheet
134 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Ordering information
11
Ordering information
The ordering part number is formed by a valid combination of the following:
Note
54. See Packing and Packaging Handbook on www.cypress.com for further information.
S28HL
S28HS 512 T GA B
H
M 00 0
S28HL 3.0 V SEMPERTM Flash Octal Interface
S28HS 1.8 V SEMPERTM Flash Octal Interface
GA = 200 MHz SDR and 200 MHz DDR
FP = 166 MHz SDR and 166 MHz DDR
GZ = 166 MHz SDR and 200 MHz DDR
T = 45-nm MIRRORBIT™ Process Technology
B = 24-ball BGA, 1.0-mm pitch
H = Halogen-Free, Lead (Pb)-free
I = Industrial (-40°C to +85°C)
V = Industrial Plus (-40°C to +105°C)
A = Automotive, AEC-Q100 Grade 3 (-40°C to +85°C)
B = Automotive, AEC-Q100 Grade 2 (-40°C to +105°C)
M = Automotive, AEC-Q100 Grade 1 (-40°C to +125°C)
01 = x1 Default Boot, 6 x 8 mm package
03 = x1 Default Boot, 8 x 8 mm package
0 = Tray
3 = 13" Tape & Reel
Packing type
Model number
Temperature range
Package material
Package type
Perfomance
Technology
Density
Device Family
256 = 256 Mb
512 = 512 Mb
01G = 1 Gb
[54]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com