Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 136 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 136 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 130Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 131Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 132Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 133Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 134Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 135Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 136Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 137Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 138Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 136 / 138 page
background image
Datasheet
136 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Ordering information
11.2
Valid combinations — automotive grade / AEC-Q100
Table 93 lists configurations that are Automotive Grade / AEC-Q100 qualified and are planned to be available in
volume. The table will be updated as new combinations are released. Contact your local sales representative to
confirm availability of specific combinations and to check on newly released combinations.
Production Part Approval Process (PPAP) support is only provided for AEC-Q100 grade products.
Products to be used in end-use applications that require ISO/TS-16949 compliance must be AEC-Q100 grade
products in combination with PPAP. Non–AEC-Q100 grade products are not manufactured or documented in full
compliance with ISO/TS-16949 requirements. AEC-Q100 grade products are also offered without PPAP support
for end-use applications that do not require ISO/TS-16949 compliance.
Table 93
Valid Combinations — automotive grade / AEC-Q100[56]
Base ordering
part number
Speed
option
Package and
materials
Temperature
range
Model
number
Packing
type
Ordering part number
(x = Packing type)
Package
marking
S28HL512T
FP
BH
A, B, M
01
0, 3
S28HL512TFPBHA01x
28HL512TPA01
S28HL512TFPBHB01x
28HL512TPB01
S28HL512TFPBHM01x
28HL512TPM01
S28HS512T
GA
BH
A, B, M
01
0, 3
S28HS512TGABHA01x
28HS512TAA01
S28HS512TGABHB01x
28HS512TAB01
S28HS512TGABHM01x
28HS512TAM01
S28HL01GT
FP
BH
A, B, M
03
0, 3
S28HL01GTFPBHA03x
28HL01GTPA03
S28HL01GTFPBHB03x
28HL01GTPB03
S28HL01GTFPBHM03x
28HL01GTPM03
S28HS01GT
FP
BH
A, B, M
03
0, 3
S28HS01GTFPBHA03x
28HS01GTPA03
S28HS01GTFPBHB03x
28HS01GTPB03
S28HS01GTFPBHM03x
28HS01GTPM03
S28HS01GT
GA[56]
BH
A, B, M
03
0, 3
S28HS01GTGABHA03x
28HS01GTAA03
S28HS01GTGABHB03x
28HS01GTAB03
S28HS01GTGABHM03x
28HS01GTAM03
S28HS01GT
GZ
BH
A, B, M
03
0, 3
S28HS01GTGZBHA03x
28HS01GTZA03
S28HS01GTGZBHB03x
28HS01GTZB03
S28HS01GTGZBHM03x
28HS01GTZM03
Note
56. The characterization of 200MHz, S28HS01GT devices is in progress. Contact your local sales office to confirm availability of specific 200MHz device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com