Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 131 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 131 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 127Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 128Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 129Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 130Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 131Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 132Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 133Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 134Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 135Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 138 page
background image
Datasheet
131 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Device identification
9.2
Manufacturer and device ID
9.3
Unique device ID
240h
JEDEC Sector Map
Parameter DWORD-22
Config-4 Region-0
F8h
Region 0 Uniform 256KB sectors
Bits 31:8 = 512Mb device Region size = 03FFFFh:
Region size as count-1 of 256 Byte units = 256 x 256KB sectors = 65,536KB Count =
65,280KB/256 = 262,144 value = count -1 = 262,144-1 = 262,143 = 3FFFFh
Bits 31:8 = 1Mb device Region size = 07FFFFh: Region size as count-1 of 256 Byte units = 512
x 256KB sectors = 131,072KB Count = 131,072KB/256 = 524,288, value = count -1 = 524,288-1
= 524,287 = 7FFFFh
Bits 7:4 = RFU = Fh Erase Type not supported = 0 / supported = 1
Bit 3 = Erase Type 4 support = 1b ---Erase Type 4 is 256KB erase and is supported in the 256KB
sector
region
Bit 2 = Erase Type 3 support = 0b ---Erase Type 3 is not defined
Bit 1 = Erase Type 2 support = 0b ---Erase Type 2 is not defined
Bit 0 = Erase Type 1 support = 0b ---Erase Type 1 is 4KBerase and is not supported in the 256KB
sector
region
241h
FFh
242h
FFh
243h
03h (512Mb)
07h (1Mb)
Table 90
Manufacturer and device ID
Byte address
Data
Description
00h
34h
Manufacturer ID for CYPRESS™
01h
5Ah (HL-T) / 5Bh (HS-T)
Device ID MSB - Memory Interface Type
02h
19h (256Mb) / 1Ah (512Mb) /
1Bh (1Mb)
Device ID LSB - Density
03h
0Fh
ID Length - number bytes following. Adding this value to the current location of 03h gives the address of
the last valid location in the ID legacy address map.
04h
03h (Default Configuration)
Physical Sector Architecture
The HS/L-T family may be configured with or without 4KB parameter sectors in addition to the uniform
sectors.
03h = Uniform 256KB with thirty-two 4KB Parameter Sectors)
05h
90h (HL-T/HS-T Family)
Family IDs
Table 91
Unique device ID
Byte address
Data
Description
00h to 07h
8-Byte Unique Device ID
64-bit unique ID number
Table 89
JEDEC SFDP Rev D, sector map parameter table (Continued)
SFDP byte
address
SFDP DWORD name
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com