Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 135 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 135 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 130Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 131Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 132Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 133Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 134Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 135Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 136Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 137Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 138Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 135 / 138 page
background image
Datasheet
135 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Ordering information
11.1
Valid combinations — standard grade
Table 92 lists configurations planned to be supported in volume for this device. Contact your local sales office to
confirm availability of specific valid combinations and to check on newly released combinations.
Table 92
Valid combinations — standard grade[55]
Base ordering
part number
Speed
option
Package and
materials
Temperature
range
Model
number
Packing
type
Ordering part number
(x = Packing type)
Package
marking
S28HL512T
FP
BH
I, V
01
0, 3
S28HL512TFPBHI01x
28HL512TPI01
S28HL512TFPBHV01x
28HL512TPV01
S28HS512T
GA
BH
I, V
01
0, 3
S28HS512TGABHI01x
28HS512TAI01
S28HS512TGABHV01x
28HS512TAV01
S28HL01GT
FP
BH
I, V
03
0, 3
S28HL01GTFPBHI03x
28HL01GTPI03
S28HL01GTFPBHV03x
28HL01GTPV03
S28HS01GT
FP
BH
I, V
03
0, 3
S28HS01GTFPBHI03x
28HS01GTPI03
S28HS01GTFPBHV03x
28HS01GTPV03
S28HS01GT
GA[55]
BH
I, V
03
0, 3
S28HS01GTGABHI03x
28HS01GTAI03
S28HS01GTGABHV03x
28HS01GTAV03
S28HS01GT
GZ
BH
I, V
03
0, 3
S28HS01GZGABHI03x
28HS01GTZI03
S28HS01GZGABHV03x
28HS01GTZV03
Note
55. The characterization of 200MHz, S28HS01GT devices is in progress. Contact your local sales office to confirm availability of specific 200MHz device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com