Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 137 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 137 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 130Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 131Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 132Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 133Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 134Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 135Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 136Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 137Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 138Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 137 / 138 page
background image
Datasheet
137 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Revision history
Revision history
Document
version
Date of
release
Description of changes
*N
2019-07-03
Finalizing document for S28HS512T and S28HL512T devices description.
*O
2019-09-13
Updated Transaction Table.
Updated Ordering Information.
*P
2019-12-20
Finalizing document for S28HS01GT devices.
Note: The characterization of 200MHz, S28HS01GT devices is in progress and this document will be updated
accordingly upon characterization completion.
Updated Table 18, Table 83, Table 85, Table 87 (Product Information Notification), Table 89 (Product Information
Notification), and Table 90, Table 92, and Table 93.
Updated typos in Table 45, Table 50, and Table 60.
*Q
2020-01-29
Finalizing document for S28HL01GT devices.
Updated Sales information and Copyright year.
*R
2020-03-23
Updated Table 83 based on Final Characterization results.
*S
2020-04-22
Updated Table 9 and Table 58.
Updated Table 87 and Table 89 (Product Information Notification).
*T
2020-12-10
Updated Selected options for CFR3N[7:6], CFR3V[7:6 in Table 50.
Updated RDPLB_4_0, RDIDN_4_0, RDSR1_4_0, and RDSR2_4_0 in Table 51.
Added note in Table 51.
Updated description and data for ASPO[2] in Table 59.
Renamed ASPPAS to ASPPWD for ASPO[2] in Table 61.
Updated Input Timing Ref Voltage and Input Timing Ref Voltage to 0.5 VCC in Table 84.
Updated Figure 72, Figure 73, and Figure 74 in Timing reference levels.
Removed volatile register address for 1EAh SFDP Byte in Table 87.
Updated from CFR3N[3], CFR1N[2], and CFR1N[6] to CFR3V[3], CFR1V[2], and CFR1V[6] in Sector map parameter table
notes.
Updated Sector map parameters in Table 88.
Updated SFDP data and description in Table 89.
*U
2021-08-10
Updated DC table (
Table 83).
Updated
Ordering information on page 134.
Updated OPN tables (
Table 92 and Table 93).
*V
2021-10-18
Updated to Infineon template.
Updated Transaction protocol on page 11, Read transactions on page 54, Program on page 60.
Added Octal output interface (Octal, 1S-1S-8S and 1S-8S-8S) (HL256T and HS256T only) on page 16, SPI
(1S-1S-8S) transaction table (HL256T and HS256T only) on page 98, SPI (1S-8S-8S) transaction table (HL256T and
HS256T only) on page 98 for new features Octal Output (1S-1S-8S), Octal Input (1S-8S-8S) HL256T and HS256T only.
Updated Table 83: Added 256Mb specifications.
Updated Table 84: Added 256Mb specifications.
Updated Table 80: Added Theta JB an Theta JC.
*W
2022-01-18
Updated Table 6: Changed JESD216C to JESD216D
Changed CFR3V[1:0] to CFR3V[7:6] in Read device identification transaction
Updated Table 85: Removed 256T / 512T / 01GT and updated max value for tPEDS
Updated Figure 73 and Figure 74: Changed PSCK to PCK
Updated Table 87: Updated data and description for 12Dh, 12Eh, and 12Fh byte addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com