Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 123 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 123 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 119Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 120Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 121Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 122Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 123Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 124Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 125Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 126Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 127Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 138 page
background image
Datasheet
123 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Device identification
178h
Status, Control and
Configuration Register
Map DWORD-4
88h
Bit 31 = Generic Addressable Read Status/Control register command for nonvolatile
registers supported for some (or all) registers = 1b
Bit 30 = Generic Addressable Write Status/Control register command for nonvolatile
registers supported for some (or all) registers = 1b
Bits 29:28 = Number of address bytes used for Generic Addressable Read/Write
Status/Control register commands for nonvolatile registers = 3 byte (default) = 10b
Bit 27:26 = Number of dummy bytes used for Generic Addressable Read
Status/Control register command for nonvolatile registers in (1S-1S-1S) mode = 10b
Bit 25:14 = Not supported = FFFh
Bit 13:10 = Number of dummy cycles used for Generic Addressable Read
Status/Control register command for nonvolatile registers in (8S-8S-8S) mode = 20 =
1110b (Max available option is 14 cycles)
Bit 9:6 = Number of dummy cycles used for Generic Addressable Read Status/Control
register command for nonvolatile registers in (8D-8D-8D) mode = 20 = 1110b (Max
available option is 14 cycles)
Bit 5:4 = Reserved = 00b
Bit 3:0 = Number of dummy cycles used for Generic Addressable Read Status/Control
register command for nonvolatile registers in (1S-1S-1S) mode = 1000b
179h
FBh
17Ah
FFh
17Bh
EBh
17Ch
Status, Control and
Configuration Register
Map DWORD-5
00h
Bits 7:0 = Command used for write access = read only = 00h
17Dh
65h
Bits 15:8 = Command used for read access = 65h
17Eh
00h
Bits 23:16 = Address of register where WIP is located = 00h (status reg -1 volatile)
17Fh
90h
Bit 31 = Write In Progress (WIP) bit is supported = 1b
Bit 30 = Write In Progress polarity, WIP = 1 indicates write is in progress = 0b
Bits 29 = Reserved = 0b
Bits 28 = Bit is set /cleared by commands using address = 1b
Bit 27 = Not supported = 0b
Bits 26:24 = Bit location of WIP bit in register = bit [0] = 000b
180h
Status, Control and
Configuration Register
Map DWORD-6
06h
Bits 7:0 = Command used for write access
181h
05h
Bits 15:8 = Command used for read access
182h
00h
Bits 23:16 = Address of register where WEL is located = 00h (status reg -1 volatile)
183h
A1h
Bit 31 = Write Enable (WEL) bit is supported = 1b
Bit 30 = Write Enable polarity, WEL = 1 means write is in progress = 0b
Bits 29 = Write command is a direct command to wet WEL bit = 1b
Bits 28 = Bit is accessed by direct commands to set WEL bit = 1b
Bit 27 = Local address for WEL bit is found in last byte of the address = 0b
Bits 26:24 = Bit location of WEL bit in register = bit [1] = 001b
184h
Status, Control and
Configuration Register
Map DWORD-7
00h
Bits 7:0 = Command used for write access = read only = 00h = Read Only
185h
65h
Bits 15:8 = Command used for read access = 65h
186h
00h
Bits 23:16 = Address of register where Program Error is located = 00h (status reg -1
volatile)
187h
96h
Bit 31 = Program Error bit supported = 1b
Bit 30 = Positive polarity (Program Error = 0 indicates no error, Program Error = 1
indicates last Program operation created an error) = 0b
Bit 29 = The device has separate bits for Program Error and Erase Error = 0b
Bits 28 = Bit is set/cleared by commands using address = 1b
Bit 27 = Not Supported = 0b
Bits 26:24 = Bit location of Program Error bit in register = bit [6] = 110b
188h
Status, Control and
Configuration Register
Map DWORD-8
00h
Bits 7:0 = Command used for write access = read only = 00h = Read Only
189h
65h
Bits 15:8 = Command used for read access = 65h
18Ah
00h
Bits 23:16 = Address of register where Erase Error is located = 00h
18Bh
95h
Bit 31 = Erase Error bit supported = 1b
Bit 30 = Positive polarity Erase Error = 0 indicates no error, Erase Error = 1 indicates
last erase operation created an error) = 0b
Bit 29 = The device has separate bits for Program Error and Erase Error = 0b
Bits 28 = Bit is set/cleared by commands using address = 1b
Bit 27 = Not Supported = 0b
Bits 26:24 = Bit location of erase Error bit in register = bit [5] = 101b
18Ch
Status, Control and
Configuration Register
Map DWORD-9
71h
Bits 7:0 = Command used for write access = read only = 71h
18Dh
65h
Bits 15:8 = Command used for read access = 65h
18Eh
03h
Address of register where wait states bits are located = 03h (Configuration Reg - 2
Nonvolatile)
18Fh
D0h
Bit 31 = Variable number of dummy cycles supported = 1b
Bits 30:29 = Number of physical bits used to set wait states - 4 bit = 10b
Bits 28 = Bit is set/cleared by commands using address = 1b
Bit 27 = Not Supported = 0b
Bits 26:24 = Bit location of LSB of physical bits in register = bit [0] = 000b
Table 87
JEDEC SFDP Rev D parameter table (Continued)
SFDP byte address
SFDP DWORD name
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com