Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 120 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 120 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 116Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 117Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 118Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 119Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 120Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 121Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 122Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 123Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 124Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 138 page
background image
Datasheet
120 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Device identification
138h
JEDEC Basic Flash
Parameter DWORD-15
00h
Bits 31:24 = Reserved = FFh
Bit 23 = Hold or RESET Disable = Not Supported = 0b
Bits 22:0 = Not supported = 000000h
139h
00h
13Ah
00h
13Bh
FFh
13Ch
JEDEC Basic Flash
Parameter DWORD-16
F9h
Bit 7 = Reserved = 1
Bits 6:0 = Volatile or Nonvolatile Register and Write Enable Instruction for Status
Register 1
xxx_xxx1b: Nonvolatile Status Register 1, powers-up to last written value, use
instruction 06h to enable write.
+ xxx_1xxxb: Nonvolatile/Volatile Status Register 1 powers-up to last written value in
the nonvolatile status register, use instruction 06h to enable write to nonvolatile
status register. Volatile status register may be activated after power-up to override
the nonvolatile status register, use instruction 50h to enable write and activate the
volatile status register.
+ xx1_xxxxb: Status Register 1 contains a mix of volatile and nonvolatile bits. The 06h
instruction is used to enable writing of the register.
+ x1x_xxxxb: Reserved
+ 1xx_xxxxb: Reserved
= 1111001b
13Dh
10h
Bits 23:14 = Exit 4-Byte Addressing
= xx_xx1x_xxxxb: Hardware reset
+ xx_x1xx_xxxxb: Software reset (see bits 13:8 in this DWORD)
+ xx_1xxx_xxxxb: Power cycle
+ x1_xxxx_xxxxb: Reserved
+ 1x_xxxx_xxxxb: Reserved
= 11_1110_0000b
Bits 13:8 = Soft Reset and Rescue Sequence Support
+ x1_xxxxb: issue reset enable instruction 66h, then issue reset instruction 99h. The
reset enable, reset sequence may be issued on 1, 2, or 4 wires depending on the
device operating mode.
= 010000b
13Eh
F8h
13Fh
A0h
Bits 31:24 = Enter 4-byte Addressing
+ xx1x_xxxxb: Supports dedicated 4-Byte address instruction set. Refer the vendor
datasheet for the instruction set definition
+ 1xxx_xxxxb: Reserved
= 1010_0000b
140h
JEDEC Basic Flash
Parameter DWORD-17
00h
Not Supported
141h
00h
142h
00h
143h
00h
144h
JEDEC Basic Flash
Parameter DWORD-18
00h
Bit 31 = High byte and low byte of 16-bit words are in the same order when read in
1-1-1 mode and 8-8-8 mode = 0b
Bit 30:29 = The Command Extension is the same as the Command = 00b
Bit 28 = Reserved = 0b
Bit 27:26 = Not supported = 00b
Bits 25:24 = First rising edge of DS in the middle of the first data bit, start of first data
bit aligned with the first falling edge of DS = 10b
Bit 23 = JEDEC SPI Protocol Reset Supported = 1b
Bit 22:18 = 01111b
Bits 17:0 = Reserved = 00000h
145h
00h
146h
BCh
147h
02h
148h
JEDEC Basic Flash
Parameter DWORD-19
00h
Not Supported
149h
00h
14Ah
00h
14Bh
00h
14Ch
JEDEC Basic Flash
Parameter DWORD-20
FFh
Bits 31:28 = Maximum operation speed of device in 8D-8D-8D mode when utilizing
Data Strobe = 1000b (200MHz) / 0111b (166MHz)
Bits 27:24 = 8D-8D-8D mode without using Data Strobe is not characterized = 1110b
Bits 23:20 = Maximum operation speed of device in 8S-8S-8S mode when utilizing
Data Strobe = 1000b (200MHz) / 0111b (166MHz)
Bits 19:16 = 8S-8S-8S mode without using Data Strobe is not characterized = 1110b
Bit 15:0 = Not supported = FFFFh
14Dh
FFh
14Eh
8Eh for HS-T
7Eh for HL-T
14Fh
8Eh for HS-T
7Eh for HL-T
Table 87
JEDEC SFDP Rev D parameter table (Continued)
SFDP byte address
SFDP DWORD name
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com