Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 117 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 117 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 113Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 114Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 115Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 116Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 117Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 118Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 119Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 120Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 121Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 138 page
background image
Datasheet
117 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Device identification
28h
5th Parameter Header
0Ah
Parameter ID LSB (0Ah = Command Sequences to change to Octal DDR (8D-8D-8D)
mode)
29h
00h
Parameter Table Minor Revision (00h = JEDEC JESD216 Revision D)
2Ah
01h
Parameter Table Major Revision (01h = JEDEC JESD216 Revision D)
2Bh
04h
Parameter Table Length (4h = 4 DWORDs are in the Parameter table)
2Ch
DCh
Parameter Table Pointer Byte 0 (DWORD = 4-byte aligned)
Command Sequences to Change to Octal DDR (8D-8D-8D) Mode = 1DCh address
2Dh
01h
Parameter Table Pointer Byte 1
2Eh
00h
Parameter Table Pointer Byte 2
2Fh
FFh
Parameter ID MSB (FFh = JEDEC defined Parameter)
30h
6th Parameter Header
81h
Parameter ID LSB (81h = JEDEC Sector Map)
31h
00h
Parameter Table Minor Revision (00h = JEDEC JESD216 Revision D)
32h
01h
Parameter Table Major Revision (01h = JEDEC JESD216 Revision D)
33h
16h
Parameter Table Length (16h = 22 DWORDs are in the Parameter table)
34h
ECh
Parameter Table Pointer Byte 0 (DWORD = 4-byte aligned)
JEDEC Sector Map = 1ECh address
35h
01h
Parameter Table Pointer Byte 1
36h
00h
Parameter Table Pointer Byte 2
37h
FFh
Parameter ID MSB (FFh = JEDEC defined Parameter)
Table 86
JEDEC SFDP Rev D header table (Continued)
SFDP byte address
SFDP DWORD name
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com