Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 118 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 118 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 114Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 115Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 116Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 117Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 118Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 119Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 120Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 121Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 122Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 138 page
background image
Datasheet
118 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Device identification
Table 87
JEDEC SFDP Rev D parameter table
SFDP byte address
SFDP DWORD name
Data
Description
100h
JEDEC Basic Flash
Parameter DWORD-1
F7h
Bits 7:5 = unused = 111b
Bit 4 = 1b
Bit 3 = Block Protect Bits are nonvolatile / volatile = 0b
Bit 2 = Program Buffer > 64 Bytes = 1b
Bits 1:0 = Uniform 4KB erase is unavailable = 11b
101h
21h
Bits 15:8 = 4KB erase instruction = 21h
102h
8Ah
Bit 23 = Unused = 1b
Bit 22 = (1-1-4) Fast Read NOT supported = 0b
Bit 21 = (1-4-4) Fast Read NOT supported = 0b
Bit 20 = (1-2-2) Fast Read NOT supported = 0b
Bit19 = Supports DDR, Yes = 1b
Bit 18:17 = 3- or 4-Byte addressing (for example, defaults to 3-Byte mode; enters
4-Byte mode on command) = 01b
Bit 16 = (1-1-2) Fast Read NOT supported = 0b
103h
FFh
Bits 31:24 = Unused = FFh
104h
JEDEC Basic Flash
Parameter DWORD-2
FFh
Density in bits, zero based, 256Mb = 0FFFFFFFh
Density in bits, zero based, 512Mb = 1FFFFFFFh
Density in bits, zero based, 1Gb = 3FFFFFFFh
105h
FFh
106h
FFh
107h
0Fh for 256M
1Fh for 512M
3Fh for 1G
108h
JEDEC Basic Flash
Parameter DWORD-3
00h
Not Supported
109h
00h
10Ah
00h
10Bh
00h
10Ch
JEDEC Basic Flash
Parameter DWORD-4
00h
Not Supported
10Dh
00h
10Eh
00h
10Fh
00h
110h
JEDEC Basic Flash
Parameter DWORD-5
EEh
Bits 7:5 = Reserved = 111b
Bit 4 = Not Supported = 0b
Bit 3:1 = Reserved = 111b
Bits 0 = Not Supported = 0b
111h
FFh
Reserved
112h
FFh
113h
FFh
114h
JEDEC Basic Flash
Parameter DWORD-6
FFh
Reserved
115h
FFh
116h
00h
Not Supported
117h
00h
118h
JEDEC Basic Flash
Parameter DWORD-7
FFh
Reserved
119h
FFh
11Ah
00h
Not Supported
11Bh
00h
11Ch
JEDEC Basic Flash
Parameter DWORD-8
0Ch
Erase Type 1 Size, 4KB erase instruction = Erase type size = 2^N (where N = 12) = 0Ch
11Dh
21h
Erase Type 1 Instruction
11Eh
00h
Erase Type 2 Not Supported
11Fh
FFh
Erase Type 2 Not Supported
120h
JEDEC Basic Flash
Parameter DWORD-9
00h
Erase Type 3 Not Supported
121h
FFh
Erase Type 3 Not Supported
122h
12h
Erase Type 4 Size, 256KB erase instruction = Erase type size = 2^N (where N = 18) = 12h
123h
DCh
Erase Type 4 Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com