Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 122 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 122 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 118Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 119Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 120Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 121Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 122Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 123Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 124Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 125Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 126Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 138 page
background image
Datasheet
122 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Device identification
160h
JEDEC xSPI Profile 1.0
DWORD-3
00h
Bits 7:0 = Reserved = 00h
161h
B0h
Bit 31 = Read SFDP 8D-8D-8D command supported = 1b
Bit 30 = Read Fast Wrapped command not supported = 0b
Bit 29 = Setup Read Wrap command not supported = 0b
Bit 28 = Erase 4KB command supported = 1b
Bit 27 = Erase 32KB command not supported = 0b
Bit 26 = Erase Chip command supported = 1b
Bit 25 = Read Configuration Register command supported = 1b
Bit 24 = Read Flag Status Register command not supported = 0b
Bit 23 = Read Register command supported = 1b
Bit 22 = Read Volatile Register command supported = 1b
Bit 21 = Read NV Register command supported = 1b
Bit 20 = Write Status-Configuration Register command supported = 1b
Bit 19 = Clear Flag Status Reg command supported = 1b
Bit 18 = Write Register command supported = 1b
Bit 17 = Write volatile register command supported = 1b
Bit 16 = Write NV register command supported = 1b
Bit 15 = Enter Deep Power Down command not supported = 1b
Bit 14 = Exit Deep Power Down command not supported = 0b
Bit 13 = Soft Reset command supported = 1b
Bit 12 = Reset Enable command supported = 1b
Bit 11 = Soft Reset and Enter default protocol mode command supported = 0b
Bit 10 = Enter default protocol mode command not supported = 0b
Bits 9:8 = Reserved = 00b
162h
FFh
163h
96h
164h
JEDEC xSPI Profile 1.0
DWORD-4
A8h
Bits 31:12 = 00000h
Bits 11:7 = 200MHz operation: number of dummy cycles required = 23 = 10111b
Bit 6:2 = 200MHz operation: configuration bit pattern to set this number of dummy
cycles = 01010b
Bits 1:0 = Reserved = 00b
165h
0Bh
166h
00h
167h
00h
168h
JEDEC xSPI Profile 1.0
DWORD-5
0Ch
Bits 31:27 = 166MHz operation: number of dummy cycles required = 20 = 10100b
Bit 26:22 = 166MHz operation: configuration bit pattern to set this number of dummy
cycles = 01000b
Bits 21:17 = 133MHz operation: number of dummy cycles required = 14 = 01110b
Bit 16:12 = 133MHz operation: configuration bit pattern to set this number of dummy
cycles = 00101b
Bits 11:7 = 100MHz operation: number of dummy cycles required = 10 = 01010b
Bit 6:2 = 100MHz operation: configuration bit pattern to set this number of dummy
cycles = 00011b
Bits 1:0 = Reserved = 00b
169h
55h
16Ah
1Ch
16Bh
A2h
16Ch
Status, Control and
Configuration Register
Map DWORD-1
00h
Bits 31:0 = Address offset for volatile registers = 00800000h
16Dh
00h
16Eh
80h
16Fh
00h
170h
Status, Control and
Configuration Register
Map DWORD-2
00h
Bits 31:0 = Address offset for nonvolatile registers = 00000000h
171h
00h
172h
00h
173h
00h
174h
Status, Control and
Configuration Register
Map DWORD-3
C0h
Bit 31 = Generic Addressable Read Status/Control register command for volatile
registers supported for some (or all) registers = 1b
Bit 30 = Generic Addressable Write Status/Control register command for volatile
registers supported for some (or all) registers = 1b
Bits 29:28 = Number of address bytes used for Generic Addressable Read/Write
Status/Control register commands for volatile registers = 3 byte (default) = 10b
Bit 27:26 = Number of dummy bytes used for Generic Addressable Read
Status/Control register command for volatile registers in (1S-1S-1S) mode = 10b
Bit 25:14 = Not supported = FFFh
Bit 13:10 = Number of dummy cycles used for Generic Addressable Read
Status/Control register command for volatile registers in (8S-8S-8S) mode = 3 = 0011b
Bit 9:6 = Number of dummy cycles used for Generic Addressable Read Status/Control
register command for volatile registers in (8D-8D-8D) mode = 3 = 0011b
Bit 5:4 = Reserved = 00b
Bit 3:0 = Number of dummy cycles used for Generic Addressable Read Status/Control
register command for volatile registers in (1S-1S-1S) mode = 0000b
175h
CCh
176h
FFh
177h
EBh
Table 87
JEDEC SFDP Rev D parameter table (Continued)
SFDP byte address
SFDP DWORD name
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com