Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 124 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 124 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 120Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 121Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 122Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 123Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 124Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 125Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 126Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 127Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 128Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 138 page
background image
Datasheet
124 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Device identification
190h
Status, Control and
Configuration Register
Map DWORD-10
71h
Bits 7:0 = Command used for write access = 71h
191h
65h
Bits 15:8 = Command used for read access = 65h
192h
03h
Address of register where wait states bits are located = 03h (Configuration Reg - 2
nonvolatile)
193h
D0h
Bit 31 = Variable number of dummy cycles supported = 1b
Bits 30:29 = Number of physical bits used to set wait states - 4 bit = 10b
Bits 28 = Bit is set/cleared by commands using address = 1b
Bit 27 = Not Supported = 0b
Bits 26:24 = Bit location of LSB of physical bits in register = bit [0] = 000b
194h
Status, Control and
Configuration Register
Map DWORD-11
A4h
Bit 31 = 30 dummy cycles supported = 0b
Bit 30:26 = Bit pattern used to set 30 dummy cycles = 00000b
Bit 25 = 28 dummy cycles supported = 1b
Bit 24:20 = Bit pattern used to set 28 dummy cycles = 01111b
Bit 19 = 26 dummy cycles supported = 1b
Bit 18:14 = Bit pattern used to set 26 dummy cycles = 01101b
Bit 13 = 24 dummy cycles supported = 1b
Bit 12:8 = Bit pattern used to set 24 dummy cycles = 01011b
Bit 7 = 22 dummy cycles supported = 1b
Bit 6:2 = Bit pattern used to set 22 dummy cycles = 01001b
Bits 1:0 = Reserved = 00b
195h
6Bh
196h
FBh
197h
02h
198h
Status, Control and
Configuration Register
Map DWORD-12
90h
Bit 31 = 20 dummy cycles supported = 1b
Bit 30:26 = Bit pattern used to set 20 dummy cycles = 01000b
Bit 25 = 18 dummy cycles supported = 1b
Bit 24:20 = Bit pattern used to set 18 dummy cycles = 00111b
Bit 19 = 16 dummy cycles supported = 1b
Bit 18:14 = Bit pattern used to set 16 dummy cycles = 00110b
Bit 13 = 14 dummy cycles supported = 1b
Bit 12:8 = Bit pattern used to set 14 dummy cycles = 00101b
Bit 7 = 12 dummy cycles supported = 1b
Bit 6:2 = Bit pattern used to set 12 dummy cycles = 00100b
Bits 1:0 = Reserved = 00b
199h
A5h
19Ah
79h
19Bh
A2h
19Ch
Status, Control and
Configuration Register
Map DWORD-13
00h
Bit 31 = 10 dummy cycles supported = 1b
Bit 30:26 = Bit pattern used to set 10 dummy cycles = 00011b
Bit 25 = 8 dummy cycles supported = 1b
Bit 24:20 = Bit pattern used to set 8 dummy cycles = 00010b
Bit 19 = 6 dummy cycles supported = 1b
Bit 18:14 = Bit pattern used to set 6 dummy cycles = 00001b
Bit 13 = 4 dummy cycles supported = 0b
Bit 12:8 = Bit pattern used to set 4 dummy cycles = 00000b
Bit 7 = 2 dummy cycles supported = 0b
Bit 6:2 = Bit pattern used to set 2 dummy cycles = 00000b
Bits 1:0 = Reserved = 00b
19Dh
40h
19Eh
28h
19Fh
8Eh
1A0h
Status, Control and
Configuration Register
Map DWORD-14
00h
Not Supported
1A1h
00h
1A2h
FFh
1A3h
00h
1A4h
Status, Control and
Configuration Register
Map DWORD-15
00h
Not Supported
1A5h
00h
1A6h
FFh
1A7h
00h
1A8h
Status, Control and
Configuration Register
Map DWORD-16
71h
Bits 7:0 = Command used for write access = 71h
1A9h
65h
Bits 15:8 = Command used for read access = 65h
1AAh
06h
Bits 23:16 = Address of register where Octal Mode Enable volatile bit is located =
800006h
(Configuration Reg - 5 volatile)
1ABh
90h
Bit 31 = Octal Mode Enable volatile bit supported = 1b
Bits 30 = Octal Mode Enable volatile bit polarity: Positive (Octal Mode Enable bit = 1
indicates Octal mode is enabled) = 0b
Bits 29 = Reserved = 0b
Bits 28 = Bit is set/cleared by commands using address = 1b
Bit 27 = Not supported = 0b
Bits 26:24 = Bit location of Octal Mode enable bit in register = bit [0] = 000b
Table 87
JEDEC SFDP Rev D parameter table (Continued)
SFDP byte address
SFDP DWORD name
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com