Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 113 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 113 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 109Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 110Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 111Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 112Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 113Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 114Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 115Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 116Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 117Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 138 page
background image
Datasheet
113 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Timing characteristics
8.1
Timing waveforms
8.1.1
Key to timing waveform
Figure 71
Waveform element meaning
8.1.2
Timing reference levels
Figure 72
Input timing reference level
Figure 73
SDR output reference levels
Figure 74
DDR output reference level
Valid at logic High or Low
High Impedance
Any change permitted
Logic High
Logic Low
Valid at logic High or Low
High Impedance
Changing, state unknown
Logic High
Logic Low
Input
Symbol
Output
pCK
tSU
tSU
VCCQ
VSSQ
VIH(ac)
VIL(ac)
VCCQ
VSSQ
CK
DQ[7:0]
tDRT
tDFT
Timing Reference Level
PCK
VCCQ
VSSQ
CK
tV
tV
VCCQ
VSSQ
DQ[7:0]
VOH(ac)
VOL(ac)
Timing Reference Level
PCK
DS
VOH(ac)
VOL(ac)
VCCQ
VSSQ
DQ[7:0]
tDSS
tDSH
VCCQ
VSSQ
Timing Reference Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com