Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 109 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 109 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 105Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 106Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 107Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 108Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 109Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 110Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 111Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 112Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 113Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 138 page
background image
Datasheet
109 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Timing characteristics
8
Timing characteristics
Table 85
Timing characteristics[45]
Symbol
Parameter
Min
Typ
Max
Unit
Reference
figure
Octal SDR/DDR
fCK
CK Clock Frequency for Octal mode transactions using DS
(HS-T)
0
200
MHz
CK Clock Frequency for Octal mode transactions using DS
(HL-T)
166
pCK
CK Clock Period
1/fCK
∞
ns
Figure 72
tCH
Clock High Time
45% pCK
55% pCK
Figure 75
tCL
Clock Low Time
tCS
CS# High Time (Read transactions)
10
Figure 78 /
Figure 79
CS# High Time Between Transactions (Interface CRC Read
Register and aborted transaction)
50
CS# High Time (Program / Erase transactions)
50
tCSS
CS# Active Setup Time (relative to CK)
4
tCSH0
CS# Active Hold Time (relative to CK in Mode 0)
4
tCSH3
CS# Active Hold Time (relative to CK in Mode 3)
6.5
tSU
HS-T Data Setup Time (all VCC)
0.5
HL-T Data Setup Time (all VCC)0.6
tHD
HL-T Data Hold Time (all VCC)0.6
HS-T Data Hold Time (all VCC)0.5
tV[43]
Clock Low to Output Valid (15pF Loading) (HS-T)
2
5.45
Figure 78 /
Figure 80
Clock Low to Output Valid (15pF Loading) (HL-T)
7.25
tCKDS
DS Valid (HS-T)
5.45
DS Valid (HL-T)
7.25
tDSS[51] DS transition to Data Valid
0.4
0.4
tDSH[51] DS transition to Data Invalid
0.4
0.4
tHO
Output Hold Time
0.4
Figure 78
tDIS[44]
CS# Inactive to Output Disable Time (HS-T) (SDR / DDR)
6.50 / 6.0
Figure 78 /
Figure 80
CS# Inactive to Output Disable Time (HL-T)
7.50
tDSZ
CS# Inactive to DS Disable Time (HS-T) (SDR / DDR)
6.50 / 6.0
CS# Inactive to DS Disable Time (HL-T)
7.50
tIO_SKEW[5
1]
Data Skew (First Data Bit to Last Data Bit)
0.5
tPS
Program/Erase Transaction CS# Invalid to Program Suspend /
Erase Suspend Transaction CS# Invalid (Interface CRC)
15
µs
Figure 41
tCSDS
CS# Low to DS Low
10
ns
Figure 30 /
Figure 31
SPI SDR
fCK
CK Clock Frequency
0
166
MHz
pCK
CK Clock Period
1/ fCK
∞
ns
Figure 72
Notes
43. Full VCC range and CL = 15pF.
44. Output HI-Z is defined as the point where data is no longer driven.
45. Applicable across all operating temperature options.
46. If Reset# is asserted during the end of tPU, the device will remain in the reset state and tRH will determine when CS# may go Low.
47. Sum of tRP and tRH must be equal to or greater than tRPH.
48. Typical program and erase times assume the following conditions: 25°C, VCC = 1.8V and 3.0V; checkerboard data pattern.
49. The programming time for any OTP programming transaction is the same as tPP. This includes PRSSR_4_1.
50. The programming time for the PRPPB_4_0 transaction is the same as tPP. The erase time for ERPPB_0_0 transaction is the same as tSE.
51. Values are guaranteed by characterization and not 100% tested in production.
52. Guaranteed by design.
53. The Joint Electron Device Engineering Council (JEDEC) standard JESD22-A117 defines the procedural requirements for performing valid endurance
and retention tests based on a qualification specification. This methodology is intended to determine the ability of a flash device to sustain repeated
data changes without failure (program/erase endurance) and to retain data for the expected life (data retention). Endurance and retention qualifica-
tion specifications are specified in JESD47 or may be developed using knowledge-based methods as in JESD94.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com