Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 107 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 107 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 103Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 104Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 105Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 106Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 107Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 108Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 109Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 110Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 111Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 138 page
background image
Datasheet
107 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Electrical characteristics
IDPD
DPD Current
(HS256T / HS512T /
HS01GTxx / HS01GTGZ)
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ, 85°C
1.3
24 / 18 / 24 / 24
µA
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ, 105°C
46 / 18 /26 / 46
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ, 125°C
80 / 31 / 52 / 80
DPD Current
(HL256T / HL512T / HL01GT)
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ, 85°C
2.2
26 / 18 / 26
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ, 105°C
26 / 18 / 26
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ, 125°C
52 / 31 / 52
IPOR
POR Current
RESET#, CS# = VCCQ; All I/Os = VCCQ
or VSSQ
80
mA
Power up / Power down voltage
VCC (min)
VCC (minimum operation
voltage, HL-T)
2.7
V
Figure 63/
Figure 65
VCC (minimum operation
voltage, HS-T)
1.7
VCC
(cut-off)
VCC (cut off where
re-initialization is needed,
HL-T)
2.4
Figure 64
VCC (cut off where
re-initialization is needed,
HS-T)
1.55
VCC (Low)
VCC (low voltage for
initialization to occur, HL-T)
0.7
VCC (Low voltage for
initialization to occur, HS-T)
0.7
Table 83
DC Characteristics[38, 40] (Continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Reference
figure
Notes
38. Typical values are at TAI = 25 °C and VCC = 1.8V/3.0V.
39. Outputs unconnected during read data return. Output switching current is not included.
40. The recommended pull-up resistor for the INT# outputs is 5 kto 10 k.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com