Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 106 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 106 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 102Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 103Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 104Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 105Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 106Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 107Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 108Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 109Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 110Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 138 page
background image
Datasheet
106 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Electrical characteristics
7.6.2
DC characteristics (all temperature ranges)
Table 83
DC Characteristics[38, 40]
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Reference
figure
VIL
Input Low Voltage (all VCC)
VCCQ  -0.15
VCCQ  0.35
V
VIH
Input High Voltage (all VCC)
VCCQ  0.65
VCCQ  1.15
VOL
Output Low Voltage (all VCC)At 0.1 mA
0.2
VOH
Output High Voltage (all VCC)At 0.1 mA
VCCQ - 0.20
ILI
Input Leakage Current
VCC = VCC Max, VIN = VIH or VSS, CS#
= VIH, 85 °C
±2
µA
VCC = VCC Max, VIN = VIH or VSS, CS#
= VIH, 105 °C
±3
VCC = VCC Max, VIN = VIH or VSS, CS#
= VIH, 125 °C
±4
ILO
Output Leakage Current
VCC = VCC Max, VIN = VIH or VSS, CS#
= VIH, 85 °C
±2
VCC = VCC Max, VIN = VIH or VSS, CS#
= VIH, 105 °C
±3
VCC = VCC Max, VIN = VIH or VSS, CS#
= VIH, 125 °C
±4
ICC1
Active Power Supply Current
(READ)[39]
SDR @ 50MHz
(HL256T / HS256T)
(HL512T / HS512T)
(HL01GT / HS01GT)
14 / 18
10 / 10
18 / 14
25 / 25
21 / 18
25 / 25
mA
SDR @ 166MHz
(HL256T / HS256T)
(HL512T / HS512T)
(HL01GT / HS01GT)
53 / 53
75 / 75
75 / 80
69 / 72
100 / 100
100 / 100
DDR @ 200MHz
(HL256T / HS256T)
(HL512T / HS512T)
(HL01GT / HS01GT)
156 / 156
156 / 156
156 / 156
173 / 173
173 / 173
173 / 173
ICC2
Active Power Supply Current
(Page Program) (256T / 512T
/ 01GT)
VCC = VCC Max, CS# = VIH
50
58 / 58 / 66
ICC3
Active Power Supply Current
(Write Any Register)
(256T / 512T / 01GT)
VCC = VCC Max, CS# = VIH
50
55 / 55 / 66
ICC4
Active Power Supply Current
(Sector Erase) (256T / 512T /
01GT)
VCC = VCC Max, CS# = VIH
50
55 / 55 / 66
ICC5
Active Power Supply Current
(Chip Erase) (256T / 512T /
01GT)
VCC = VCC Max, CS# = VIH
50
55 / 55 / 66
ISB
Standby Current
(HS256T / HS512T /
HS01GTxx / HS01GTGZ)
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ, 85°C
11
180 / 113 / 160 / 180
µA
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ, 105°C
350 / 188 / 320 / 350
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ, 125°C
650 / 340 / 490 / 650
Standby Current
(HL256T / HL512T / HL01GT)
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ, 85°C
14
160 / 126 / 160
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ, 105°C
320 / 188 / 320
RESET#, CS# = VCCQ;
All I/Os = VCCQ or VSSQ, 125°C
490 / 340 / 490
Notes
38. Typical values are at TAI = 25 °C and VCC = 1.8V/3.0V.
39. Outputs unconnected during read data return. Output switching current is not included.
40. The recommended pull-up resistor for the INT# outputs is 5 kto 10 k.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com