Electronic Components Datasheet Search
  English  ▼

X  

28HS01GTAM03 Datasheet(PDF) 104 Page - Infineon Technologies AG

Part # 28HS01GTAM03
Description  S256Mb/512Mb/1Gb SEMPER??Flash Octal interface, 1.8V/3.0V
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

28HS01GTAM03 Datasheet(HTML) 104 Page - Infineon Technologies AG

Back Button 28HS01GTAM03 Datasheet HTML 100Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 101Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 102Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 103Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 104Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 105Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 106Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 107Page - Infineon Technologies AG 28HS01GTAM03 Datasheet HTML 108Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 138 page
background image
Datasheet
104 of 138
002-18216 Rev. *W
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
Octal interface, 1.8V/3.0V
Electrical characteristics
7
Electrical characteristics
7.1
Absolute maximum ratings[35]
Storage Temperature Plastic Packages............................................................... –65°C to +150°C
Ambient Temperature with Power Applied........................................................... –65°C to +125°C
VCC (HL-T)............................................................................................................–0.5V to +4.0V
VCC (HS-T)........................................................................................................... –0.5V to +2.5V
Input voltage with respect to Ground (VSS)[33]...................................................... –0.5V to VCC + 0.5V
Output Short Circuit Current[34]...............................................................................100mA
Notes
33. See Input signal overshoot on page 105 for allowed maximums during signal transition.
34. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second.
35. Stresses above those listed under Absolute maximum ratings[35] on page 104 may cause permanent damage to the device. This is a stress rating
only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this datasheet is not
implied. Exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability.
7.2
Operating range
Operating ranges define those limits between which the functionality of the device is guaranteed.
0.0.1 Power Supply Voltages
VCC / VCCQ (HL-T Devices)………………………………............................... 2.7V to 3.6V
VCC / VCCQ (HS-T Devices)………………………………............................... 1.7V to 2.0V
7.2.1
Temperature ranges
7.3
Thermal resistance
Table 79
Temperature range
Parameter
Symbol
Devices
Spec
Unit
Min
Max
Ambient Temperature
TA
Industrial / Automotive AEC-Q100 Grade 3
–40
+85
°C
Industrial Plus / Automotive AEC-Q100 Grade 2[36]
+105
Automotive AEC-Q100 Grade 1[36]
+125
Note
36. Industrial Plus, Automotive Grade-2 and Automotive Grade-1 operating and performance parameters will be determined by device characterization
and may vary from standard industrial or Automotive Grade-3 temperature range devices as currently shown in this specification.
Table 80
Thermal Resistance
Parameter
Description
Test Condition
Device
24-ball BGA
Unit
Theta JA
Thermal Resistance
(Junction to ambient)
Test conditions follow standard test methods and
procedures for measuring thermal impedance in
accordance with EIA/JESD51. With Still Air (0 m/s)
256T
35.3
°C/W
512T
40.4
01GT
37
Theta JB
Thermal Resistance
(Junction to board)
256T
19
°C/W
512T
14.5
01GT
9.7
Theta JC
Thermal Resistance
(Junction to case)
256T
11
°C/W
512T
8
01GT
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com