Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 138 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 138 Page - Analog Devices

Back Button AD9173 Datasheet HTML 134Page - Analog Devices AD9173 Datasheet HTML 135Page - Analog Devices AD9173 Datasheet HTML 136Page - Analog Devices AD9173 Datasheet HTML 137Page - Analog Devices AD9173 Datasheet HTML 138Page - Analog Devices AD9173 Datasheet HTML 139Page - Analog Devices AD9173 Datasheet HTML 140Page - Analog Devices AD9173 Datasheet HTML 141Page - Analog Devices AD9173 Datasheet HTML 142Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 138 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0
CGS7
Code group synchronization status for Lane 7. This
control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R
0
Synchronization lost.
1
Synchronization achieved.
0x4B8
JESD_IRQ_ENABLEA
7
EN_BDE
Bad disparity error counter. This control is paged by
the LINK_PAGE control in Register 0x300.
0x0
R/W
6
EN_NIT
Not in table error counter. This control is paged by the
LINK_PAGE control in Register 0x300.
0x0
R/W
5
EN_UEK
Unexpected K error counter. This control is paged by
the LINK_PAGE control in Register 0x300.
0x0
R/W
4
EN_ILD
Interlane deskew. This control is paged by the
LINK_PAGE control in Register 0x300.
0x0
R/W
3
EN_ILS
Initial lane synchronization. This control is paged by
the LINK_PAGE control in Register 0x300.
0x0
R/W
2
EN_CKS
Good checksum. This bit compares two checksums:
the checksum that the transmitter sent over the link
during the ILAS and the checksum that the receiver
calculated from the ILAS data that the transmitter sent
over the link. Note that the checksum IRQ only looks
at data sent by the transmitter and not the checksum
programmed into Register 0x45D. This control is
paged by the LINK_PAGE control in Register 0x300.
0x0
R/W
1
EN_FS
Frame synchronization. This control is paged by the
LINK_PAGE control in Register 0x300.
0x0
R/W
0
EN_CGS
Code group synchronization. This control is paged by
the LINK_PAGE control in Register 0x300.
0x0
R/W
0x4B9
JESD_IRQ_ENABLEB
[7:1]
RESERVED
Reserved.
0x0
R
0
EN_ILAS
Configuration mismatch (checked for Lane 0 only).
The ILAS IRQ compares the two sets of ILAS data
obtained by the receiver. The first set of data is
the ILAS data sent over the JESD204B link by the
transmitter. The second set of data is the ILAS data
programmed into the receiver via the SPI (Register
0x450 to Register 0x45D). If any of the data differs,
the IRQ is triggered. Note that all of the ILAS data,
including the checksum, is compared. This control is
paged by the LINK_PAGE control in Register 0x300.
0x0
R/W
0x4BA
JESD_IRQ_STATUSA
7
IRQ_BDE
Bad disparity error counter. This control is paged by
the LINK_PAGE control in Register 0x300.
0x0
R/W
6
IRQ_NIT
Not in table error counter. This control is paged by the
LINK_PAGE control in Register 0x300.
0x0
R/W
5
IRQ_UEK
Unexpected K error counter. This control is paged by
the LINK_PAGE control in Register 0x300.
0x0
R/W
4
IRQ_ILD
Interlane deskew. This control is paged by the
LINK_PAGE control in Register 0x300.
0x0
R/W
3
IRQ_ILS
Initial lane synchronization. This control is paged by
the LINK_PAGE control in Register 0x300.
0x0
R/W
2
IRQ_CKS
Good checksum. This control is paged by the
LINK_PAGE control in Register 0x300.
0x0
R/W
1
IRQ_FS
Frame synchronization. This control is paged by the
LINK_PAGE control in Register 0x300.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com