Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 141 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 141 Page - Analog Devices

Back Button AD9173 Datasheet HTML 136Page - Analog Devices AD9173 Datasheet HTML 137Page - Analog Devices AD9173 Datasheet HTML 138Page - Analog Devices AD9173 Datasheet HTML 139Page - Analog Devices AD9173 Datasheet HTML 140Page - Analog Devices AD9173 Datasheet HTML 141Page - Analog Devices AD9173 Datasheet HTML 142Page - Analog Devices AD9173 Datasheet HTML 143Page - Analog Devices AD9173 Datasheet HTML 144Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 141 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 141 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x58D
TXEN_SM_0
[7:1]
RESERVED
Reserved.
0x1
R/W
0
ENA_TXENSM
Enable TXEN state machine. This control is paged by
the MAINDAC_PAGE control in Register 0x008.
0x0
R/W
0x596
BLANKING_CTRL
[7:4]
RESERVED
Reserved.
0x0
R
3
SPI_TXEN
If ENA_SPI_TXEN (Bit 2 of this register) = 1, the
value of this register is the value of the TXENx status.
This control is paged by the MAINDAC_PAGE control
in Register 0x008.
0x0
R/W
2
ENA_SPI_TXEN
Enable TXENx control via the SPI by setting this bit
to 1. This control is paged by the MAINDAC_PAGE
control in Register 0x008.
0x0
R/W
[1:0]
RESERVED
Reserved.
0x0
R
0x597
JESD_PA_INT0
[7:0]
JESD_PA_INT_
Each bit enables a JESD204B PA interrupt.
0x0
R/W
CNTRL[7:0]
Bit 8 = CGS.
Bit 7 = frame sync.
Bit 6 = good check sum.
Bit 5 = initial lane sync.
Bit 4 = interlane deskew.
Bit 3 = bad disparity error counter.
Bit 2 = NIT error counter.
Bit 1= UEK error counter.
Bit 0 = lane FIFO overflow or underflow.
0x598
JESD_PA_INT1
[7:1]
RESERVED
Reserved.
0x0
R
0
JESD_PA_INT_
Each bit enables a JESD204B PA interrupt.
0x0
R/W
CNTRL[8]
Bit 8 = CGS
Bit 7 = frame sync.
Bit 6 = good check sum.
Bit 5 = initial lane sync.
Bit 4 = interlane deskew.
Bit 3 = bad disparity error counter.
Bit 2 = NIT error counter.
Bit 1= UEK error counter.
Bit 0 = lane FIFO overflow or underflow.
0x599
TXEN_FLUSH_CTRL0
[7:1]
RESERVED
Reserved.
0x0
R
0
SPI_FLUSH_EN
Enable datapath flush. This control is paged by the
MAINDAC_PAGE control in Register 0x008.
0x1
R/W
0x705
NVM_LOADER_EN
[7:2]
RESERVED
Reserved.
0x0
R
1
NVM_BLR_DONE
NVM boot loader successfully completed when this bit
reads back a value of 1.
0x0
R
0
NVM_BLR_EN
Enable bootloader. This bit self clears when the boot
loader completes or fails.
0x0
R/W
0x790
DACPLL_PDCTRL0
7
PLL_PD5
PLL power-down control. Write this bit to 1 if
bypassing the PLL. If using the PLL, keep this value
at default (0).
0x0
R/W
[6:4]
PLL_PD4
PLL power-down control. Write this bit to 1 if
bypassing the PLL. If using the PLL, keep this value
at default (0).
0x0
R/W
3
PLL_PD3
PLL power-down control. Write this bit to 1 if
bypassing the PLL. If using the PLL, keep this value
default (0).
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com