Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 142 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 142 Page - Analog Devices

Back Button AD9173 Datasheet HTML 136Page - Analog Devices AD9173 Datasheet HTML 137Page - Analog Devices AD9173 Datasheet HTML 138Page - Analog Devices AD9173 Datasheet HTML 139Page - Analog Devices AD9173 Datasheet HTML 140Page - Analog Devices AD9173 Datasheet HTML 141Page - Analog Devices AD9173 Datasheet HTML 142Page - Analog Devices AD9173 Datasheet HTML 143Page - Analog Devices AD9173 Datasheet HTML 144Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 142 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 142 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
2
PLL_PD2
PLL power-down control. Write this bit to 1 if
bypassing the PLL. If using the PLL, keep this value
at default (0).
0x0
R/W
1
PLL_PD1
PLL power-down control. Write this bit to 1 if
bypassing the PLL. If using the PLL, write this bit
to 0.
0x1
R/W
0
PLL_PD0
PLL power-down control. Write this bit to 1 if
bypassing the PLL. If using the PLL, keep this value
at default (0).
0x0
R/W
0x791
DACPLL_PDCTRL1
[7:5]
RESERVED
Reserved.
0x0
R/W
4
PLL_PD10
PLL power-down control. Write this bit to 1 if
bypassing the PLL. If using the PLL, keep this value
at default (0).
0x0
R/W
3
PLL_PD9
PLL power-down control. Write this bit to 1 if
bypassing the PLL. If using the PLL, keep this value
at default (0).
0x0
R/W
2
PLL_PD8
PLL power-down control. Write this bit to 1 if
bypassing the PLL. If using the PLL, keep this value
at default (0).
0x0
R/W
1
PLL_PD7
PLL power-down control. Write this bit to 1 if
bypassing the PLL. If using the PLL, keep this value
at default (0).
0x0
R/W
0
PLL_PD6
PLL power-down control. Write this bit to 1 if
bypassing the PLL. If using the PLL, keep this value
at default (0).
0x0
R/W
0x792
DACPLL_CTRL0
[7:2]
RESERVED
Reserved.
0x0
R
1
D_CAL_RESET
Resets VCO calibration.
0x1
R/W
0
D_RESET_VCO_DIV
Setting this high holds the VCO output divider in
reset. This has the effect of turning off the input (and
output) of the ADC clock driver.
0x0
R/W
0x793
DACPLL_CTRL1
[7:2]
RESERVED
Reserved.
0x0
R
[1:0]
M_DIVIDER−1
Programmable predivider value for PFD (in n − 1
notation). M_DIVIDER = PLL reference clock/PFD
frequency. For optimal spectral performance, choose
an M divider setting that selects a high PFD
frequency within the allowable PFD range. For 9.96
GHz ≤ VCO frequency ≤ 10.87 GHz, 25 MHz ≤
PFD frequency ≤ 225 MHz. For 9.96 GHz > VCO
frequency > 10.87 GHz, 25 MHz ≤ PFD frequency ≤
770 MHz.
0x0
R/W
0
Divide by 1.
1
Divide by 2.
10
Divide by 3.
11
Divide by 4.
0x794
DACPLL_CTRL2
[7:6]
RESERVED
Reserved.
0x0
R/W
[5:0]
DACPLL_CP
Charge pump current control. Charge pump current =
100 µA + code × 100 µA.
0x4
R/W
0x795
DACPLL_CTRL3
[7:4]
RESERVED
Reserved.
0x0
R/W
[3:0]
D_CP_CALBITS
DAC PLL optimization control.
0x8
R/W
0x796
DACPLL_CTRL4
[7:4]
PLL_CTRL0
DAC PLL optimization control.
0xD
R/W
[3:0]
RESERVED
Reserved.
0x2
R/W
0x797
DACPLL_CTRL5
[7:6]
RESERVED
Reserved.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com