Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 139 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 139 Page - Analog Devices

Back Button AD9173 Datasheet HTML 135Page - Analog Devices AD9173 Datasheet HTML 136Page - Analog Devices AD9173 Datasheet HTML 137Page - Analog Devices AD9173 Datasheet HTML 138Page - Analog Devices AD9173 Datasheet HTML 139Page - Analog Devices AD9173 Datasheet HTML 140Page - Analog Devices AD9173 Datasheet HTML 141Page - Analog Devices AD9173 Datasheet HTML 142Page - Analog Devices AD9173 Datasheet HTML 143Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 139 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0
IRQ_CGS
Code group synchronization. This control is paged by
the LINK_PAGE control in Register 0x300.
0x0
R/W
0x4BB
JESD_IRQ_STATUSB
[7:1]
RESERVED
Reserved.
0x0
R
0
IRQ_ILAS
Configuration mismatch (checked for Lane 0 only).
This control is paged by the LINK_PAGE control in
Register 0x300.
0x0
R/W
0x4BC
IRQ_OUTPUT_MUX_
[7:1]
RESERVED
Reserved.
0x0
R
JESD
0
MUX_JESD_IRQ
Selects which IRQ pin is connected to the JESD204B
IRQx sources.
0x0
R/W
0
Route the IRQ trigger signal to the IRQ0 pin.
1
Route the IRQ trigger signal to the IRQ1 pin.
0x580
BE_SOFT_OFF_
GAIN_CTRL
7
BE_SOFT_OFF_
GAIN_EN
Must be 1 to use soft off/on. This control is paged by
the MAINDAC_PAGE control in Register 0x008.
0x0
R/W
[6:3]
RESERVED
Reserved.
0x0
R
[2:0]
BE_GAIN_RAMP_
RATE
Sets ramp rate. The gain ramps from 0 to 1 (or 1 to
0) in 32 steps over 2(CODE + 8) DAC clock periods. This
control is paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x581
BE_SOFT_OFF_
ENABLE
7
ENA_SHORT_
PAERR_SOFTOFF
Enable short PA error soft off. This control is paged by
the MAINDAC_PAGE control in Register 0x008.
0x1
R/W
6
ENA_LONG_
PAERR_SOFTOFF
Enable long PA error soft off. This control is paged by
the MAINDAC_PAGE control in Register 0x008.
0x1
R/W
[5:4]
RESERVED
Reserved.
0x0
R
3
ENA_JESD_ERR_
SOFTOFF
Enable JESD204B side error soft off. This control is
paged by the MAINDAC_PAGE control in Register
0x008.
0x0
R/W
2
ROTATE_SOFT_
OFF_EN
When set to 1, the synchronization logic rotation
triggers the DAC output soft off. Note that Register
0x03B, Bit 0 must also be high. This control is paged
by the MAINDAC_PAGE control in Register 0x008.
0x1
R/W
1
TXEN_SOFT_OFF_EN
When set to 1, a TXENx falling edge triggers the
DAC output soft off. This control is paged by the
MAINDAC_PAGE control in Register 0x008.
0x1
R/W
0
SPI_SOFT_OFF_EN
Force a soft off when gain is 1. This control is paged
by the MAINDAC_PAGE control in Register 0x008.
0x0
R/W
0x582
BE_SOFT_ON_
ENABLE
7
SPI_SOFT_ON_EN
Force a soft on when gain is 0. This control is paged
by the MAINDAC_PAGE control in Register 0x008.
0x0
R/W
6
LONG_LEVEL_
SOFTON_EN
When set to 1, this bit enables the long level soft on.
This control is paged by the MAINDAC_PAGE control
in Register 0x008.
0x1
R/W
[5:0]
RESERVED
Reserved.
0x0
R/W
0x583
LONG_PA_
THRES_LSB
[7:0]
LONG_PA_
THRESHOLD[7:0]
Long average power threshold for comparison. This
control is paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x584
LONG_PA_
[7:5]
RESERVED
Reserved.
0x0
R
THRES_MSB
[4:0]
LONG_PA_
THRESHOLD[12:8]
Long average power threshold for comparison. This
control is paged by the MAINDAC_PAGE control in
Register 0x008.
0x0
R/W
0x585
LONG_PA_CONTROL
7
LONG_PA_ENABLE
Enable long average power calculation and
error detection. This control is paged by the
MAINDAC_PAGE control in Register 0x008.
0x0
R/W
[6:4]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com