Electronic Components Datasheet Search
  English  ▼

X  

AD9173 Datasheet(PDF) 143 Page - Analog Devices

Part # AD9173
Description  Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9173 Datasheet(HTML) 143 Page - Analog Devices

Back Button AD9173 Datasheet HTML 136Page - Analog Devices AD9173 Datasheet HTML 137Page - Analog Devices AD9173 Datasheet HTML 138Page - Analog Devices AD9173 Datasheet HTML 139Page - Analog Devices AD9173 Datasheet HTML 140Page - Analog Devices AD9173 Datasheet HTML 141Page - Analog Devices AD9173 Datasheet HTML 142Page - Analog Devices AD9173 Datasheet HTML 143Page - Analog Devices AD9173 Datasheet HTML 144Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 143 / 144 page
background image
Data Sheet
AD9173
REGISTER DETAILS
analog.com
Rev. C | 143 of 144
Table 60. Register Details
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
[5:0]
PLL_CTRL1
DAC PLL optimization control.
0x20
R/W
0x798
DACPLL_CTRL6
7
RESERVED
Reserved.
0x0
R
6
PLL_CTRL3
DAC PLL optimization control.
0x0
R/W
[5:0]
PLL_CTRL2
DAC PLL optimization control.
0x1C
R/W
0x799
DACPLL_CTRL7
[7:6]
ADC_CLK_DIVIDER
ADC clock output divider.
0x0
R/W
0
Divide by 1.
1
Divide by 2.
10
Divide by 3.
11
Divide by 4.
[5:0]
N_DIVIDER
Programmable divide by N value from
0x8
R/W
2 to 50. N_DIVIDER = (DAC frequency ×
M_DIVIDER)/(8 × reference clock frequency).
0x7A0
DACPLL_CTRL9
[7:6]
RESERVED
Reserved.
0x2
R/W
5
D_EN_VAR_
FINE_PRE
DAC PLL control.
0x0
R/W
[4:3]
RESERVED
Reserved.
0x2
R/W
2
D_EN_VAR_
COARSE_PRE
DAC PLL control.
0x0
R/W
[1:0]
RESERVED
Reserved.
0x0
R/W
0x7A2
DACPLL_CTRL10
7
RESERVED
Reserved.
0x0
R
[6:5]
D_REGULATOR_
CAL_WAIT
DAC PLL optimization control.
0x1
R/W
[4:3]
D_VCO_CAL_WAIT
DAC PLL optimization control.
0x2
R/W
[2:1]
D_VCO_CAL_
CYCLES
DAC PLL optimization control.
0x2
R/W
0
RESERVED
Reserved.
0x1
R/W
0x7B5
PLL_STATUS
[7:1]
RESERVED
Reserved.
0x0
R
0
PLL_LOCK
DAC PLL lock status.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com