Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 30Page - Analog Devices AD9559PCBZ Datasheet HTML 31Page - Analog Devices AD9559PCBZ Datasheet HTML 32Page - Analog Devices AD9559PCBZ Datasheet HTML 33Page - Analog Devices AD9559PCBZ Datasheet HTML 34Page - Analog Devices AD9559PCBZ Datasheet HTML 35Page - Analog Devices AD9559PCBZ Datasheet HTML 36Page - Analog Devices AD9559PCBZ Datasheet HTML 37Page - Analog Devices AD9559PCBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 34 of 120
DIGITAL PLL (DPLL) CORE
DPLL Overview
Diagrams of the DPLL cores of the AD9559 (DPLL_0 and
DPLL_1) are shown in Figure 35 and Figure 36, respectively.
The blocks shown in these diagrams are purely digital.
The start of the DPLL signal chain is the reference signal, fR,
which has been divided by the R divider and then routed through
the crosspoint switch to the DPLL. The frequency of this signal,
fTDC, is:
1
+
=
R
f
f
R
TDC
This is the frequency used by the time-to-digital converter,
TDC, inside the DPLL.
A TDC samples the output of the R divider. The TDC/PFD
produces a time series of digital words and delivers them to the
digital loop filter. The digital loop filter offers the following:
•
The determination of the filter response by numeric
coefficients rather than by discrete component values
•
The absence of analog components (R/L/C), which
eliminates tolerance variations due to aging
•
The absence of thermal noise associated with analog
components
•
The absence of control node leakage current associated
with analog components (a source of reference feed-
through spurs in the output spectrum of a traditional APLL)
The digital loop filter produces a time series of digital words at
its output and delivers them to the frequency tuning input of a
sigma-delta (Σ-Δ) modulator. The digital words from the loop
filter steer the SDM frequency toward frequency and phase lock
with the input signal (fTDC).
Each DPLL includes a feedback divider that causes the digital
loop to operate at an integer-plus-fractional multiple. The
output of the DPLL is


+
+
×
=
MOD
FRAC
N
f
f
TDC
DPLL
OUT
)
1
(
_
where N is the 17-bit value stored in the appropriate profile
registers (Register 0x0440 to Register 0x044C for DPLL_0
REFA). FRAC and MOD are the 24-bit numerators and
denominators of the fractional feedback divider block. The
fractional portion of the feedback divider can be bypassed by
setting FRAC to 0. MOD can be set to 0, but never change MOD
from 0 to nonzero without first entering free run mode.
Note that there are two DPLLs. In the Register Map and Register
Map Bit Descriptions sections, N0, FRAC0, and MOD0 are used
for DPLL_0; N1, FRAC1, and MOD1 are used for DPLL_1.
For optimal performance, the DPLL output frequency is typically
175 MHz to 200 MHz.
TDC/PFD
The phase frequency detector (PFD) is an all-digital block. It
compares the digital output from the TDC (which relates to the
active reference edge) with the digital word from the feedback
block. It uses a digital code pump and digital integrator (rather
than a conventional charge pump and capacitor) to generate the
error signal that steers the SDM frequency toward phase lock.
DIGITAL
LOOP
FILTER
÷N0
24-BIT/24-BIT
RESOLUTION
FRAC0/
MOD0
17-BIT
INTEGER
TUNING
WORD
CLAMP
AND
HISTORY
×2
FREE RUN
TW
+
SYSTEM
CLOCK
FROM APLL_0
TO APLL_0
R DIVIDER
(20-BIT)
REF
INPUT
MUX
REF
INPUT
Figure 35. DPLL_0 Core
DIGITAL
LOOP
FILTER
÷N1
24-BIT/24-BIT
RESOLUTION
FRAC1/
MOD1
17-BIT
INTEGER
TUNING
WORD
CLAMP
AND
HISTORY
×2
FREE RUN
TW
+
SYSTEM
CLOCK
FROM APLL_1
TO APLL_1
R DIVIDER
(20-BIT)
REF
INPUT
MUX
REF
INPUT
Figure 36. DPLL_1 Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com