Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 13Page - Analog Devices AD9559PCBZ Datasheet HTML 14Page - Analog Devices AD9559PCBZ Datasheet HTML 15Page - Analog Devices AD9559PCBZ Datasheet HTML 16Page - Analog Devices AD9559PCBZ Datasheet HTML 17Page - Analog Devices AD9559PCBZ Datasheet HTML 18Page - Analog Devices AD9559PCBZ Datasheet HTML 19Page - Analog Devices AD9559PCBZ Datasheet HTML 20Page - Analog Devices AD9559PCBZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 17 of 120
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VDD3
REFA
REFA
VDD
VDD
GND
VDD
VDD
VDD
LDO_0
LF_0
VDD3
VDD
VDD
OUT0A
OUT0A
17
VDD
18
VDD3
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
VDD3
REFC
REFC
VDD
VDD
GND
VDD
VDD
VDD
LDO_1
LF_1
VDD3
VDD
VDD
OUT1A
OUT1A
VDD
VDD3
PIN 1
INDICATOR
AD9559
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD IS THE GROUND CONNECTION ON THE CHIP.
IT MUST BE SOLDERED TO THE ANALOG GROUND OF THE PCB
TO ENSURE PROPER FUNCTIONALITY AND HEAT DISSIPATION,
NOISE, AND MECHANICAL STRENGTH BENEFITS.
Figure 2. Pin Configuration
Table 21. Pin Function Descriptions
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
1, 12, 18, 28,
37, 43, 54, 55,
72
VDD3
I
Power
3.3 V Power Supply. See the Power Supply Partitions section for information
about the recommended grouping of the power supply pins.
2
REFA
I
Differential
input
Reference A Input. This internally biased input is typically ac-coupled; when
configured in this manner, it can accept any differential signal with single-ended
swing up to 3.3 V. If dc-coupled, input can be LVPECL, LVDS, or single-ended
CMOS.
3
A
REFAE
I
Differential
input
Complementary Reference A Input. Complementary signal to the input provided
on Pin 2.
4, 5, 7, 8, 9, 13,
14, 17, 21, 34,
38, 41, 42, 46,
47, 48, 50, 51,
58, 59, 60, 61,
62, 65, 66, 67,
68, 69
VDD
I
Power
1.8 V Power Supply. See the Power Supply Partitions section for information
about the recommended grouping of the power supply pins.
Note that, for Pin 34 and Pin 21, it is recommended that a Size 0201, 0.1 µF bypass
capacitor be placed between Pin 33 and Pin 34, as well as between Pin 21 and Pin 22,
as close as possible to the AD9559.
6, 22, 33, 49
GND
O
Ground
Connect these pins (along with the exposed die pad) to ground.
10
LDO_0
I
LDO bypass
Output PLL0 Loop Filter Voltage Regulator. Connect a 0.47 μF capacitor from this
pin to ground. This pin is also the ac ground reference for the integrated output
PLL external loop filter.
11
LF_0
I/O
Loop filter for
APLL_0
Loop Filter Node for the Output PLL0. Connect an external 6.8 nF capacitor from
this pin to Pin 10 (LDO_0).
15
A
OUT0AE
O
HSTL, LVDS,
1.8 V CMOS
PLL0 Complementary Output 0A. This output can be configured as HSTL, LVDS, or
single-ended 1.8 V CMOS.
16
OUT0A
O
HSTL, LVDS,
1.8 V CMOS
PLL0 Output 0A. This output can be configured as HSTL, LVDS, or single-ended
1.8 V CMOS. LVPECL levels can be achieved by ac-coupling and using the
Thevenin-equivalent termination as described in the Input/Output Termination
Recommendations section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com