Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 77 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 77 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 73Page - Analog Devices AD9559PCBZ Datasheet HTML 74Page - Analog Devices AD9559PCBZ Datasheet HTML 75Page - Analog Devices AD9559PCBZ Datasheet HTML 76Page - Analog Devices AD9559PCBZ Datasheet HTML 77Page - Analog Devices AD9559PCBZ Datasheet HTML 78Page - Analog Devices AD9559PCBZ Datasheet HTML 79Page - Analog Devices AD9559PCBZ Datasheet HTML 80Page - Analog Devices AD9559PCBZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 77 of 120
REFERENCE INPUT A (REGISTER 0x0300 TO REGISTER 0x031A)
Table 49. REFA Logic Type
Address
Bits
Bit Name
Description
0x0300
[7:4]
Reserved
Default: 0x0
3
Enable REFA divide-by-2
Enables the reference input divide-by-2 for REFA
0 = bypasses the divide-by-2 (default)
1 = enables the divide-by-2
2
Reserved
Default: 0b
[1:0]
REFA logic type
Selects logic family for REFA input receiver; only the REFA pin is used in CMOS mode
00 (default) = differential
01 = 1.2 V to 1.5 V CMOS
10 = 1.8 V to 2.5 V CMOS
11 = 3.0 V to 3.3 V CMOS
Table 50. REFA 20-Bit DPLL R Divider
Address
Bits
Bit Name
Description
0x0301
[7:0]
R divider
DPLL integer reference divider (minus 1), Bits[7:0] (default: 0xCF)
0x0302
[7:0]
DPLL integer reference divider (minus 1), Bits[15:8] (default: 0x00)
0x0303
[7:4]
Reserved
Default: 0x0
[3:0]
R divider
DPLL integer reference divider (minus 1), Bits[19:16] (default: 0x0)
Table 51. Nominal Period of REFA Input Clock
Address
Bits
Bit Name
Description
0x0304
[7:0]
REFA nominal
reference period (fs)
Nominal reference period, Bits[7:0] (default: 0xC9)
0x0305
[7:0]
Nominal reference period, Bits[15:8] (default: 0xEA)
0x0306
[7:0]
Nominal reference period, Bits[23:16] (default: 0x10)
0x0307
[7:0]
Nominal reference period, Bits[31:24] (default: 0x03)
0x0308
[7:0]
Nominal reference period, Bits[39:32] (default: 0x00)
Default for Register 0x0304 to Register 0x0308: 0x000310EAC9 = 51.44 ns (1/19.44 MHz).
Table 52. REFA Frequency Tolerance
Address
Bits
Bit Name
Description
0x0309
[7:0]
Inner tolerance
Input reference frequency monitor inner tolerance, Bits[7:0] (default: 0x14).
0x030A
[7:0]
Input reference frequency monitor inner tolerance, Bits[15:8] (default: 0x00).
0x030B
[7:4]
Reserved
Default: 0x0.
[3:0]
Inner tolerance
Input reference frequency monitor inner tolerance, Bits[19:16].
Default for Register 0x0309 to Register 0x30B: 0x000014 = 20 (5% or 50,000 ppm).
The Stratum 3 clock requires inner tolerance of ±9.2 ppm and outer tolerance of ±12 ppm;
an SMC clock requires outer tolerance of ±48 ppm.
The allowable range for the inner tolerance is 0x00A (10%) to 0x8FF (2 ppm).
0x030C
[7:0]
Outer tolerance
Input reference frequency monitor outer tolerance, Bits[7:0] (default: 0x0A).
0x030D
[7:0]
Input reference frequency monitor outer tolerance, Bits[15:8] (default: 0x00).
0x030E
[7:4]
Reserved
Default: 0x0.
[3:0]
Outer tolerance
Input reference frequency monitor outer tolerance, Bits[19:16].
Default for Register 0x030C to Register 0x30E = 0x00000A = 10 (10% or 100,000 ppm).
The Stratum 3 clock requires inner tolerance of ±9.2 ppm and outer tolerance of ±12 ppm;
an SMC clock requires outer tolerance of ±48 ppm. The outer tolerance must be greater than
the inner tolerance so that there is hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com