Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 87 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 87 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 83Page - Analog Devices AD9559PCBZ Datasheet HTML 84Page - Analog Devices AD9559PCBZ Datasheet HTML 85Page - Analog Devices AD9559PCBZ Datasheet HTML 86Page - Analog Devices AD9559PCBZ Datasheet HTML 87Page - Analog Devices AD9559PCBZ Datasheet HTML 88Page - Analog Devices AD9559PCBZ Datasheet HTML 89Page - Analog Devices AD9559PCBZ Datasheet HTML 90Page - Analog Devices AD9559PCBZ Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 87 of 120
Table 87. Q0B_B Divider Setting
Address
Bits
Bit Name
Description
0x042C
[7:0]
Q0_B divider
10-bit channel divider, Bits[7:0] (LSB).
Division equals channel divider, Bits[9:0] + 1.
([9:0] = 0 is divide-by-1, [9:0] = 1 is divide-by-2…[9:0] = 1023 is divide-by-1024).
0x042D
[7:2]
Reserved
Default: 000000b.
[1:0]
Q0_B divider
10-bit channel divider, Bits[9:8] (MSB), Bits[1:0].
0x042E
[7:6]
Reserved
Default: 00b.
[5:0]
Q0_B divider phase
Divider initial phase after sync relative to the divider input clock (from the P0 divider output).
LSB is ½ of a period of the divider input clock.
Phase = 0 is no phase offset.
Phase = 1 is ½ a period offset.
DPLL_0 SETTINGS FOR REFERENCE INPUT A (REFA) (REGISTER 0x0440 TO REGISTER 0x044C)
Table 88. DPLL_0 REFA Priority Setting
Address
Bits
Bit Name
Description
0x0440
[7:3]
Reserved
Default: 00000b
[2:1]
REFA priority
These bits set the priority level (0 to 3) of REFA relative to the other input references.
00 (default) = 0 (highest).
01 = 1.
10 = 2.
11 = 3.
0
Enable REFA
This bit enables DPLL_0 to lock to REFA.
0 = REFA is not enabled for use by DPLL_0.
1 (default) = REFA is enabled for use by DPLL_0.
Table 89. DPLL_0 REFA Loop BW Scaling Factor
Address
Bits
Bit Name
Description
0x0441
[7:0]
DPLL loop BW scaling
factor (unit of 0.1 Hz)
Digital PLL loop bandwidth scaling factor, Bits[7:0] (default: 0xF4).
0x0442
[7:0]
Digital PLL loop bandwidth scaling factor, Bits[15:8] (default: 0x01).
The default for Register 0x0441 and Register 0x0442 = 0x01F4 = 500 (50 Hz loop BW).
The loop bandwidth should always be less than the DPLL phase detector frequency divided
by 20. The DPLL may not lock reliably if the DPLL loop BW is <50 Hz and a crystal is used for
the system clock. See the Choosing the SYSCLK Source section for details.
0x0443
[7:2]
Reserved
Default: 0x00.
1
Base loop filter
selection
0 = base loop filter with normal (70°) phase margin (default).
1 = base loop filter with high phase margin.
(≤0.1 dB peaking in the closed-loop transfer function for loop BW ≤ 2 kHz. Setting this bit is
also recommended for loop BW > 2 kHz.)
0
Reserved
Default: 0b.
Table 90. DPLL_0 REFA Integer Part of Feedback Divider
Address
Bits
Bit Name
Description
0x0444
[7:0]
Integer Part N0
DPLL integer feedback divider (minus 1), Bits[7:0] (default: 0xCB)
0x0445
[7:0]
DPLL integer feedback divider, Bits[15:8] (default: 0x07)
0x0446
[7:1]
Reserved
Default: 0x00
0
Integer Part N0
DPLL integer feedback divider, Bit 16 (default: 0b)
Default for Register 0x0444 to Register 0x0446: 0x007CB (which equals N1 = 1996)
Table 91. DPLL_0 REFA Fractional Part of Fractional Feedback Divider FRAC0
Address
Bits
Bit Name
Description
0x0447
[7:0]
Digital PLL fractional
feedback divider—
FRAC0
The numerator of the fractional-N feedback divider, Bits[7:0] (default: 0x04)
0x0448
[7:0]
The numerator of the fractional-N feedback divider, Bits[15:8] (default: 0x00)
0x0449
[7:0]
The numerator of the fractional-N feedback divider, Bits[23:18] (default: 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com