Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 60 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 56Page - Analog Devices AD9559PCBZ Datasheet HTML 57Page - Analog Devices AD9559PCBZ Datasheet HTML 58Page - Analog Devices AD9559PCBZ Datasheet HTML 59Page - Analog Devices AD9559PCBZ Datasheet HTML 60Page - Analog Devices AD9559PCBZ Datasheet HTML 61Page - Analog Devices AD9559PCBZ Datasheet HTML 62Page - Analog Devices AD9559PCBZ Datasheet HTML 63Page - Analog Devices AD9559PCBZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 60 of 120
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
(Hex)
System Clock
0x0200
SYSCLK PLL
feedback
divider and
config
System clock K divider, Bits[7:0]
0x08
0x0201
Reserved
SYSCLK
XTAL enable
SYSCLK J1 divider, Bits[1:0]
SYSCLK
doubler
enable
(J0 divider)
0x09
0x0202
SYSCLK
period
Nominal system clock period (fs), Bits[7:0] (1 ns at 1 ppm accuracy)
0x0E
0x0203
Nominal system clock period (fs), Bits[15:8] (1 ns at 1 ppm accuracy)
0x67
0x0204
Reserved
Nominal system clock period, Bits[20:16]
0x13
0x0205
W6
SYSCLK
stability
System clock stability period (ms), Bits[7:0]
0x32
0x0206
W6
System clock stability period (ms), Bits[15:8]
0x00
0x0207
W6
Reserved
System clock stability period (ms), Bits[19:16]
0x00
Reference Input A
0x0300
REFA
logic type
Reserved
Enable REFA
divide-by-2
Reserved
REFA logic type, Bits[1:0]
0x00
0x0301
REFA
R divider
(20 bits)
R divider, Bits[7:0]
0xCF
0x0302
R divider, Bits[15:8]
0x00
0x0303
Reserved
R divider, Bits[19:16]
0x00
0x0304
W0
REFA
period
(up to
1.1 ms)
Nominal period (fs), Bits[7:0] (default: 51.44 ns =1/(19.44 MHz) for default system clock setting)
0xC9
0x0305
W0
Nominal period (fs), Bits[15:8]
0xEA
0x0306
W0
Nominal period (fs), Bits[23:16]
0x10
0x0307
W0
Nominal period (fs), Bits[31:24]
0x03
0x0308
W0
Nominal period (fs), Bits[39:32]
0x00
0x0309
W0
REFA
frequency
tolerance
Inner tolerance (1 ÷ ppm), Bits[7:0] (for unlock to lock condition; max: 10%, min: 2 ppm) (default: 5%)
0x14
0x030A
W0
Inner tolerance (1 ÷ ppm), Bits[15:8] (for unlock to lock condition; max: 10%, min: 2 ppm)
0x00
0x030B
W0
Reserved
Inner tolerance, Bits[19:16]
0x00
0x030C
W0
Outer tolerance (1 ÷ ppm), Bits[7:0] (for lock to unlock; max: 10%, min: 2 ppm) (default: 10%)
0x0A
0x030D
W0
Outer tolerance (1 ÷ ppm), Bits[15:8] (for lock to unlock; max: 10%, min: 2 ppm)
0x00
0x030E
W0
Reserved
Outer tolerance, Bits[19:16]
0x00
0x030F
W0
REFA
validation
Validation timer (ms), Bits[7:0] (up to 65.5 sec)
0x0A
0x0310
W0
Validation timer (ms), Bits[15:8] (up to 65.5 sec)
0x00
0x0311
W1
REFA
phase lock
detector
Phase lock threshold (ps), Bits[7:0]
0xBC
0x0312
W1
Phase lock threshold (ps), Bits[15:8]
0x02
0x0313
W1
Phase lock threshold (ps), Bits [23:16]
0x00
0x0314
W1
Phase lock fill rate, Bits[7:0]
0x0A
0x0315
W1
Phase lock drain rate, Bits[7:0]
0x0A
0x0316
W1
REFA
frequency
lock
detector
Frequency lock threshold, Bits[7:0]
0xBC
0x0317
W1
Frequency lock threshold, Bits[15:8]
0x02
0x0318
W1
Frequency lock threshold, Bits[23:16]
0x00
0x0319
W1
Frequency lock fill rate, Bits[7:0]
0x0A
0x031A
W1
Frequency lock drain rate, Bits[7:0]
0x0A
Reference Input B
0x0320
REFB
logic type
Reserved
Enable REFB
divide-by-2
Reserved
REFB logic type, Bits[1:0]
0x00
0x0321
REFB
R divider
(20 bits)
R divider, Bits[7:0]
0xCF
0x0322
R divider, Bits[15:8]
0x00
0x0323
Reserved
R divider, Bits[19:16]
0x00
0x0324
W0
REFB
reference
period
(up to
1.1 ms)
Nominal period (fs), Bits[7:0] (default: 51.44 ns =1/(19.44 MHz) for default system clock setting)
0xC9
0x0325
W0
Nominal period (fs), Bits[15:8]
0xEA
0x0326
W0
Nominal period (fs), Bits[23:16]
0x10
0x0327
W0
Nominal period (fs), Bits[31:24]
0x03
0x0328
W0
Nominal period (fs), Bits[39:32]
0x00
0x0329
W0
REFB
frequency
tolerance
Inner tolerance (1 ÷ ppm), Bits[7:0] (for unlock to lock condition; max: 10%, min: 2 ppm) (default: 5%)
0x14
0x032A
W0
Inner tolerance (1 ÷ ppm), Bits[15:8] (for unlock to lock condition; max: 10%, min: 2 ppm)
0x00
0x032B
W0
Reserved
Inner tolerance, Bits[19:16]
0x00
0x032C
W0
Outer tolerance (1 ÷ ppm), Bits[7:0] (for lock to unlock; max: 10%, min: 2 ppm) (default: 10%)
0x0A
0x032D
W0
Outer tolerance (1 ÷ ppm), Bits[15:8] (for lock to unlock; max: 10%, min: 2 ppm)
0x00
0x032E
W0
Reserved
Outer tolerance, Bits[19:16]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com