Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 96 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 96 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 92Page - Analog Devices AD9559PCBZ Datasheet HTML 93Page - Analog Devices AD9559PCBZ Datasheet HTML 94Page - Analog Devices AD9559PCBZ Datasheet HTML 95Page - Analog Devices AD9559PCBZ Datasheet HTML 96Page - Analog Devices AD9559PCBZ Datasheet HTML 97Page - Analog Devices AD9559PCBZ Datasheet HTML 98Page - Analog Devices AD9559PCBZ Datasheet HTML 99Page - Analog Devices AD9559PCBZ Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 96 of 120
Table 122. OUT1B Divider Setting
Address
Bits
Bit Name
Description
0x052C
[7:0]
Q1_B divider
10-bit channel divider, Bits[7:0] (LSB).
Division equals channel divider, Bits[9:0] + 1.
([9:0] = 0 is divide-by-1, [9:0] = 1 is divide-by-2…[9:0] = 1023 is divide-by-1024).
0x052D
[7:2]
Reserved
Default: 000000b.
[1:0]
Q1_B divider
10-bit channel divider, Bits[9:8] (MSB), Bits[1:0].
0x052E
[7:6]
Reserved
Default: 00b.
[5:0]
Q1_B divider phase
Divider initial phase after sync relative to the divider input clock (from the P1 divider output).
LSB is ½ of a period of the divider input clock.
Phase = 0 is no phase offset.
Phase = 1 is ½ a period offset.
DPLL_1 SETTINGS FOR REFERENCE INPUT C (REFC) (REGISTER 0x0540 TO REGISTER 0x054C)
Table 123. DPLL_1 REFC Priority Setting
Address
Bits
Bit Name
Description
0x0540
[7:3]
Reserved
Reserved.
[2:1]
REFC priority
These bits set the priority level (0 to 3) of REFD relative to the other input references.
00 (default) = 0 (highest).
01 = 1.
10 = 2.
11 = 3.
0
Enable REFC
This bit enables DPLL_1 to lock to REFC.
0 = REFC is not enabled for use by DPLL_1.
1 (default) = REFC is enabled for use by DPLL_1.
Table 124. DPLL_1 REFC Loop BW Scaling Factor
Address
Bits
Bit Name
Description
0x0541
[7:0]
DPLL loop BW scaling factor
(unit of 0.1 Hz)
Digital PLL loop bandwidth scaling factor, Bits[7:0] (default: 0xF4).
0x0542
[7:0]
Digital PLL loop bandwidth scaling factor, Bits[15:8] (default: 0x01).
Default for Register 0x0541 and Register 0x0542: 0x01F4 = 500 (50 Hz loop BW).
The loop bandwidth should always be less than the DPLL phase detector frequency divided
by 20. The DPLL may not lock reliably if the DPLL loop BW is <50 Hz and a crystal is used
for the system clock. See the Choosing the SYSCLK Source section for details.
0x0543
[7:2]
Reserved
Default: 0x00.
1
Base loop filter selection
0 = base loop filter with normal (70°) phase margin (default).
1 = base loop filter with high phase margin.
(≤0.1 dB peaking in the closed-loop transfer function for loop BW ≤ 2 kHz. Setting this bit
is also recommended for loop BW > 2 kHz.)
0
Reserved
Default: 0b.
Table 125. DPLL_1 REFC Integer Part of Feedback Divider
Address
Bits
Bit Name
Description
0x0544
[7:0]
Integer Part N1
DPLL integer feedback divider (minus 1), Bits[7:0] (default: 0xCB).
0x0545
[7:0]
DPLL integer feedback divider, Bits[15:8] (default: 0x07).
0x0546
[7:1]
Reserved
Default: 0x00.
0
Integer Part N1
DPLL integer feedback divider, Bit 16 (default: 0b).
Default for Register 0x0544 to Register 0x0546: 0x007CB (which equals N1 = 1996).
Table 126. DPLL_1 REFC Fractional Part of Fractional Feedback Divider FRAC1
Address
Bits
Bit Name
Description
0x0547
[7:0]
Digital PLL fractional
feedback divider—FRAC1
The numerator of the fractional-N feedback divider, Bits[7:0] (default: 0x04)
0x0548
[7:0]
The numerator of the fractional-N feedback divider, Bits[15:8] (default: 0x00)
0x0549
[7:0]
The numerator of the fractional-N feedback divider, Bits[23:18] (default: 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com