Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 73 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 69Page - Analog Devices AD9559PCBZ Datasheet HTML 70Page - Analog Devices AD9559PCBZ Datasheet HTML 71Page - Analog Devices AD9559PCBZ Datasheet HTML 72Page - Analog Devices AD9559PCBZ Datasheet HTML 73Page - Analog Devices AD9559PCBZ Datasheet HTML 74Page - Analog Devices AD9559PCBZ Datasheet HTML 75Page - Analog Devices AD9559PCBZ Datasheet HTML 76Page - Analog Devices AD9559PCBZ Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 73 of 120
USER SCRATCHPAD (REGISTER 0x000E AND REGISTER 0x000F)
Table 39. User Scratchpad
Address
Bits
Bit Name
Description
0x000E
[7:0]
User scratchpad, Bits[7:0]
User programmable EEPROM ID registers. These registers enable users to write a unique
code of their choosing to keep track of revisions to the EEPROM register loading. It has no
effect on part operation.
Default = 0x0000.
0x000F
[7:0]
User scratchpad, Bits[15:8]
GENERAL CONFIGURATION (REGISTER 0x0100 TO REGISTER 0x0109)
Multifunction Pin Control (M0 to M5) and Watchdog Timer
Table 40. Multifunction Pins (M0 to M5) Control
Address
Bits
Bit Name
Description
0x0100
[7:6]
M3 driver mode, Bits[1:0]
00 (default) = active high CMOS.
01 = active low CMOS.
10 = open-drain PMOS (requires an external pull-down resistor).
11 = open-drain NMOS (requires an external pull-up resistor).
[5:4]
M2 driver mode, Bits[1:0]
The settings of these bits are identical to Register 0x0100[7:6].
[3:2]
M1 driver mode, Bits[1:0]
The settings of these bits are identical to Register 0x0100[7:6].
[1:0]
M0 driver mode, Bits[1:0]
The settings of these bits are identical to Register 0x0100[7:6].
0x0101
[7:4]
Reserved
Reserved.
[3:2]
M5 driver mode, Bits[1:0]
The settings of these bits are identical to Register 0x0100[7:6]. Note that, for this pin to be
an M pin, either I²C or 2-wire SPI mode must be enabled.
[1:0]
M4 driver mode, Bits[1:0]
The settings of these bits are identical to Register 0x0100[7:6].
Note that, for this pin to be an M pin, 4-wire SPI mode must be disabled.
0x0102
7
M0 output/
A
inputE
Input/output control for M0 pin.
0 (default) = input (control pin)
1 = output (status pin)
[6:0]
M0 function
These bits control the function of the M0 pin. See Table 196 and Table 197 for details
about the input and output functions that are available.
Default: 0x00 = high impedance control pin, no function assigned.
0x0103
7
M1 output/
A
inputE
Input/output control for M1 pin (same as for the M0 pin).
[6:0]
M1 function
These bits control the function of the M1 pin and are the same as Register 0x0102[6:0].
Default: 0x00 = high impedance control pin, no function assigned.
0x0104
7
M2 output/
A
inputE
Input/output control for M2 pin (same as for the M0 pin).
[6:0]
M2 function
These bits control the function of the M2 pin and are the same as Register 0x0102[6:0].
Default: 0x00 = high impedance control pin, no function assigned.
0x0105
7
M3 output/
A
inputE
Input/output control for M3 pin (same as for the M0 pin).
[6:0]
M3 function
These bits control the function of the M3 pin and are the same as Register 0x0102[6:0].
Default: 0x00 = high impedance control pin, no function assigned.
0x0106
7
M4 output/
A
inputE
Input/output control for M3 pin (same as for the M0 pin).
[6:0]
M4 function
These bits control the function of the M4 pin and are the same as Register 0x0102[6:0].
Default: 0x00 = high impedance control pin, no function assigned.
0x0107
7
M5 output/
A
inputE
Input/output control for M3 pin (same as for the M0 pin).
[6:0]
M5 function
These bits control the function of the M5 pin and are the same as Register 0x0102[6:0].
Default: 0x00 = high impedance control pin, no function assigned.
0x0108
[7:0]
Watchdog timer
(in units of ms)
Watchdog timer, Bits[7:0]. The watchdog timer stops when this register is written, and
restarts on the next IO_UPDATE (Register 0x0005 = 0x01).
Default: 0x00 (0x0000 = disabled).
0x0109
[7:0]
Watchdog timer, Bits[15:8]. The watchdog timer stops when this register is written, and
restarts on the next IO_UPDATE (Register 0x0005 = 0x01).
Default: 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com