Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 14Page - Analog Devices AD9559PCBZ Datasheet HTML 15Page - Analog Devices AD9559PCBZ Datasheet HTML 16Page - Analog Devices AD9559PCBZ Datasheet HTML 17Page - Analog Devices AD9559PCBZ Datasheet HTML 18Page - Analog Devices AD9559PCBZ Datasheet HTML 19Page - Analog Devices AD9559PCBZ Datasheet HTML 20Page - Analog Devices AD9559PCBZ Datasheet HTML 21Page - Analog Devices AD9559PCBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 18 of 120
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
19
A
OUT0BE
O
HSTL, LVDS,
1.8 V CMOS,
3.3 V CMOS
PLL0 Complementary Output 0B. This output can be configured as HSTL, LVDS,
or single-ended 1.8 V or 3.3 V CMOS.
20
OUT0B
O
HSTL, LVDS,
1.8 V CMOS,
3.3 V CMOS
PLL0 Output 0B. This output can be configured as HSTL, LVDS, or single-ended 1.8 V
or 3.3 V CMOS. LVPECL levels can be achieved by ac-coupling and using the
Thevenin-equivalent termination as described in the Input/Output Termination
Recommendations section.
23
A
RESETE
I
3.3 V CMOS
Logic
Chip Reset. When this active low pin is asserted, the chip goes into reset. This pin
has an internal 50 kΩ pull-up resistor.
24
SCLK/SCL
I
3.3 V CMOS
Serial Programming Clock in SPI Mode (SCLK). Data clock for serial programming.
Serial Clock Pin in I2C Mode (SCL).
25
SDIO/SDA
I/O
3.3 V CMOS
Serial Data Input/Output (SDIO). When the device is in 4-wire SPI mode, data is
written via this pin. In 3-wire SPI mode, data reads and writes both occur on this
pin. There is no internal pull-up/pull-down resistor on this pin.
Serial Data Pin in I2C Mode (SDA).
26
M5/
A
CSE
I/O
3.3 V CMOS
Configurable I/O Pin (M5). Used for status and control of the AD9559.
Chip Select in SPI Mode (
A
CSE
A
). Active low input. When programming a device in
SPI, this pin must be held low. In systems where more than one AD9559 is present,
this pin enables individual programming of each AD9559. This pin has an internal
10 kΩ pull-up resistor.
27
M4/SDO
I/O
3.3 V CMOS
Configurable I/O Pin (M4). Used for status and control of the AD9559.
Serial Data Output (SDO). In 4-wire SPI mode, this pin is used for reading serial data.
29, 30, 31, 32
M3, M2, M1,
M0
I/O
3.3 V CMOS
Configurable I/O Pins. These pins are used for status and control of the AD9559.
These pins are also used at power-up and reset to control the serial port configuration
and EEPROM loading. See Table 23 and Table 25 for more information. These pins
do NOT have internal pull-down resistors.
35
OUT1B
O
HSTL, LVDS,
1.8 V CMOS,
3.3 V CMOS
PLL1 Output 1B. This output can be configured as HSTL, LVDS, or single-ended 1.8 V
or 3.3 V CMOS. LVPECL levels can be achieved by ac-coupling and using the
Thevenin-equivalent termination as described in the Input/Output Termination
Recommendations section.
36
A
OUT1BE
O
HSTL, LVDS,
1.8 V CMOS,
3.3 V CMOS
PLL1 Complementary Output 1B. This output can be configured as HSTL, LVDS,
or single-ended 1.8 V or 3.3 V CMOS.
39
OUT1A
O
HSTL, LVDS,
1.8 V CMOS
PLL1 Output 1A. This output can be configured as HSTL, LVDS, or single-ended
1.8 V CMOS. LVPECL levels can be achieved by ac-coupling and using the
Thevenin-equivalent termination as described in the Input/Output Termination
Recommendations section.
40
A
OUT1AE
O
HSTL, LVDS,
1.8 V CMOS
PLL1 Complementary Output 1A. This output can be configured as HSTL, LVDS, or
single-ended 1.8 V CMOS.
44
LF_1
I/O
Loop filter for
APLL_1
Loop Filter Node for the Output PLL1. Connect an external 6.8 nF capacitor from
this pin to Pin 45 (LDO_1).
45
LDO_1
I
LDO bypass
Output PLL1 Loop Filter Voltage Regulator. Connect a 0.47 μF capacitor from this
pin to ground. This pin is also the ac ground reference for the integrated output
PLL external loop filter.
52
A
REFCE
I
Differential
input
Complementary Reference C Input. Complementary signal to the input provided
on Pin 53.
53
REFC
I
Differential
input
Reference C Input. This internally biased input is typically ac-coupled; when
configured in that manner, it can accept any differential signal with single-ended
swing up to 3.3 V. If dc-coupled, input can be LVPECL, LVDS, or single-ended
CMOS.
56
A
REFDE
I
Differential
input
Complementary Reference D Input. Complementary signal to the input provided
on Pin 57.
57
REFD
I
Differential
input
Reference D Input. This internally biased input is typically ac-coupled; when
configured in this manner, it can accept any differential signal with single-ended
swing up to 3.3 V. If dc-coupled, input can be LVPECL, LVDS, or single-ended CMOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com