Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 18Page - Analog Devices AD9559PCBZ Datasheet HTML 19Page - Analog Devices AD9559PCBZ Datasheet HTML 20Page - Analog Devices AD9559PCBZ Datasheet HTML 21Page - Analog Devices AD9559PCBZ Datasheet HTML 22Page - Analog Devices AD9559PCBZ Datasheet HTML 23Page - Analog Devices AD9559PCBZ Datasheet HTML 24Page - Analog Devices AD9559PCBZ Datasheet HTML 25Page - Analog Devices AD9559PCBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 22 of 120
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
1k
10
100
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 373fs
PHASE NOISE (dBc/Hz):
10Hz
–60
100Hz
–85
1kHz
–104
10kHz
–113
100kHz
–114
1MHz
–132
10MHz
–142
FLOOR
–153
Figure 10. Absolute Phase Noise (Output Driver = HSTL),
fR = 19.44 MHz, fOUT = 644.53 MHz,
DPLL Loop BW = 10 Hz, fSYS = 19.2 MHz TCXO
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
1k
10
100
10k
100k
1M
10M
100M
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 383fs
PHASE NOISE (dBc/Hz):
10Hz
–60
100Hz
–85
1kHz
–104
10kHz
–112
100kHz
–114
1MHz
–132
10MHz
–141
FLOOR
–153
Figure 11. Absolute Phase Noise (Output Driver = HSTL),
fR = 19.44 MHz, fOUT = 693.482991 MHz,
DPLL Loop BW = 10 Hz, fSYS = 19.2 MHz TCXO
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
1k
10
100
10k
100k
1M
10M
100M
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 392fs
PHASE NOISE (dBc/Hz):
OFFSET
LEVEL
10Hz
–66
100Hz
–91
1kHz
–110
10kHz
–119
100kHz
–121
1MHz
–136
10MHz
–146
FLOOR
–156
Figure 12. Absolute Phase Noise (Output Driver = HSTL),
fR = 19.44 MHz, fOUT = 312.5 MHz,
DPLL Loop BW = 0.1 Hz, fSYS = 19.2 MHz TCXO
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
1k
10
100
10k
100k
1M
10M
100M
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 378fs
PHASE NOISE (dBc/Hz):
OFFSET
LEVEL
10Hz
–74
100Hz
–97
1kHz
–116
10kHz
–125
100kHz
–127
1MHz
–143
10MHz
–153
FLOOR
–158
Figure 13. Absolute Phase Noise (Output Driver = 3.3 V CMOS),
fR = 19.44 MHz, fOUT =161.1328125 MHz,
DPLL Loop BW = 10 Hz, fSYS = 19.2 MHz TCXO
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
1k
10
100
10k
100k
1M
10M
100M
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 418fs
PHASE NOISE (dBc/Hz):
OFFSET
LEVEL
10Hz
–71
100Hz
–96
1kHz
–122
10kHz
–132
100kHz
–134
1MHz
–149
10MHz
–157
FLOOR
–161
Figure 14. Absolute Phase Noise (Output Driver = 1.8V CMOS),
fR = 2 kHz, fOUT = 70.656 MHz,
DPLL Loop BW = 10 Hz, fSYS = 19.2 MHz TCXO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com