Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 93 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 93 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 89Page - Analog Devices AD9559PCBZ Datasheet HTML 90Page - Analog Devices AD9559PCBZ Datasheet HTML 91Page - Analog Devices AD9559PCBZ Datasheet HTML 92Page - Analog Devices AD9559PCBZ Datasheet HTML 93Page - Analog Devices AD9559PCBZ Datasheet HTML 94Page - Analog Devices AD9559PCBZ Datasheet HTML 95Page - Analog Devices AD9559PCBZ Datasheet HTML 96Page - Analog Devices AD9559PCBZ Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 93 of 120
APLL_1 CONFIGURATION (REGISTER 0x0520 TO REGISTER 0x0523)
Table 116. Output PLL_1 (APLL_1) Setting1
Address
Bits
Bit Name
Description
0x0520
[7:0]
APLL_1 charge pump
current
LSB = 3.5 µA
00000001 = 1 × LSB; 00000010 = 2 × LSB; 11111111 = 255 × LSB
Default: 0x81 = 451 µA CP current
0x0521
[7:0]
APLL_1 M1 (feedback)
divider
Division: 14 to 255
Default: 0x14 = divide-by-20
0x0522
[7:6]
APLL_1 loop filter control
Pole 2 resistor, Rp2; default: 0x07
Rp2 (Ω)
Bit 7
Bit 6
500 (default)
0
0
333
0
1
250
1
0
200
1
1
[5:3]
Zero resistor, Rzero.
Rzero (Ω)
Bit 5
Bit 4
Bit 3
1500 (default)
0
0
0
1250
0
0
1
1000
0
1
0
930
0
1
1
1250
1
0
0
1000
1
0
1
750
1
1
0
680
1
1
1
[2:0]
Pole 1, Cp1
Cp1 (pF)
Bit 2
Bit 1
Bit 0
0
0
0
0
20
0
0
1
80
0
1
0
100
0
1
1
20
1
0
0
40
1
0
1
100
1
1
0
120 (default)
1
1
1
0x0523
[7:1]
Reserved
Default: 0x00
0
Bypass internal Rzero
0 (default) = uses the internal Rzero resistor
1 = bypasses the internal Rzero resistor (makes Rzero = 0 and requires the use of a series
external zero resistor in addition to the capacitor to ground on the LF_1 pin)
1
Note that the default APLL loop BW is 240 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com