Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 66 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 62Page - Analog Devices AD9559PCBZ Datasheet HTML 63Page - Analog Devices AD9559PCBZ Datasheet HTML 64Page - Analog Devices AD9559PCBZ Datasheet HTML 65Page - Analog Devices AD9559PCBZ Datasheet HTML 66Page - Analog Devices AD9559PCBZ Datasheet HTML 67Page - Analog Devices AD9559PCBZ Datasheet HTML 68Page - Analog Devices AD9559PCBZ Datasheet HTML 69Page - Analog Devices AD9559PCBZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 66 of 120
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
(Hex)
0x054A
W2
DPLL_1
fractional
feedback
divider
modulus
(24 bits)
Digital PLL_1 feedback divider modulus—MOD1, Bits[7:0]
0x05
0x054B
W2
Digital PLL_1 feedback divider modulus—MOD1, Bits[15:8]
0x00
0x054C
W2
Digital PLL_1 feedback divider modulus—MOD1, Bits[23:16]
0x00
DPLL_1 Settings for Reference Input D
0x054D
Reference
priority
Reserved
REFD priority, Bits[1:0]
Enable
REFD
0x01
0x054E
W2
DPLL_1
loop BW
(16 bits)
Digital PLL_1 loop BW scaling factor, Bits[7:0] (default: 0x01F4 = 50 Hz)
0xF4
0x054F
W2
Digital PLL_1 loop BW scaling factor, Bits[15:8]
0x01
0x0550
W2
Reserved
Base filter
Reserved
0x00
0x0551
W2
DPLL_1
N1 divider
(17 bits)
Digital PLL_1 feedback divider—Integer Part N1, Bits[7:0]
0xCB
0x0552
W2
Digital PLL_1 feedback divider—Integer Part N1, Bits[15:8]
0x07
0x0553
W2
Reserved
Digital
PLL
feedback
divider—
Integer
Part N1,
Bit 16
0x00
0x0554
DPLL_1
fractional
feedback
divider
(24 bits)
Digital PLL_1 fractional feedback divider—FRAC1, Bits[7:0]
0x04
0x0555
Digital PLL_1 fractional feedback divider—FRAC1, Bits[15:8]
0x00
0x0556
Digital PLL_1 fractional feedback divider—FRAC1, Bits[23:16]
0x00
0x0557
W2
DPLL_1
fractional
feedback
divider
modulus
(24 bits)
Digital PLL_1 feedback divider modulus—MOD1, Bits[7:0]
0x05
0x0558
W2
Digital PLL_1 feedback divider modulus—MOD1, Bits[15:8]
0x00
0x0559
W2
Digital PLL_1 feedback divider modulus—MOD1, Bits[23:16]
0x00
DPLL_1 Settings for Reference Input A
0x055A
Reference
priority
Reserved
REFA priority, Bits[1:0]
Enable
REFA
0x00
0x055B
W2
DPLL_1
loop BW
(16 bits)
Digital PLL_1 loop BW scaling factor, Bits[7:0] (default: 0x01F4 = 50 Hz)
0xF4
0x055C
W2
Digital PLL_1 loop BW scaling factor, Bits[15:8]
0x01
0x055D
W2
Reserved
Base filter
Reserved
0x00
0x055E
W2
DPLL_1
N1 divider
(17 bits)
Digital PLL_1 feedback divider—Integer Part N1, Bits[7:0]
0xCB
0x055F
W2
Digital PLL_1 feedback divider—Integer Part N1, Bits[15:8]
0x07
0x0560
W2
Reserved
Digital
PLL
feedback
divider—
Integer
Part N1,
Bit 16
0x00
0x0561
DPLL_1
fractional
feedback
divider
(24 bits)
Digital PLL_1 fractional feedback divider—FRAC1, Bits[7:0]
0x04
0x0562
Digital PLL_1 fractional feedback divider—FRAC1, Bits[15:8]
0x00
0x0563
Digital PLL_1 fractional feedback divider—FRAC1, Bits[23:16]
0x00
0x0564
W2
DPLL_1
fractional
feedback
divider
modulus
(24 bits)
Digital PLL_1 feedback divider modulus—MOD1, Bits[7:0]
0x05
0x0565
W2
Digital PLL_1 feedback divider modulus—MOD1, Bits[15:8]
0x00
0x0566
W2
Digital PLL_1 feedback divider modulus—MOD1, Bits[23:16]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com