Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 99 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 99 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 95Page - Analog Devices AD9559PCBZ Datasheet HTML 96Page - Analog Devices AD9559PCBZ Datasheet HTML 97Page - Analog Devices AD9559PCBZ Datasheet HTML 98Page - Analog Devices AD9559PCBZ Datasheet HTML 99Page - Analog Devices AD9559PCBZ Datasheet HTML 100Page - Analog Devices AD9559PCBZ Datasheet HTML 101Page - Analog Devices AD9559PCBZ Datasheet HTML 102Page - Analog Devices AD9559PCBZ Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 99 of 120
DPLL_1 SETTINGS FOR REFERENCE INPUT B (REFB) (REGISTER 0x0567 TO REGISTER 0x0573)
Table 138. DPLL_1 REFB Priority Setting
Address
Bits
Bit Name
Description
0x0567
[7:3]
Reserved
Default: 00000b.
[2:1]
REFB priority
These bits set the priority level (0 to 3) of REFA relative to the other input references.
00 (default) = 0 (highest).
01 = 1.
10 = 2.
11 = 3.
0
Enable REFB
This bit enables DPLL_1 to lock to REFB.
0 (default) = REFB is not enabled for use by DPLL_1.
1 = REFB is enabled for use by DPLL_1.
Table 139. DPLL_1 REFB Loop BW Scaling Factor
Address
Bits
Bit Name
Description
0x0568
[7:0]
DPLL loop BW scaling factor
(unit of 0.1 Hz)
Digital PLL loop bandwidth scaling factor, Bits[7:0] (default: 0xF4).
0x0569
[7:0]
Digital PLL loop bandwidth scaling factor, Bits[15:8] (default: 0x01).
Default for Register 0x0568 to Register 0x056A: 0x01F4 = 500 (50 Hz loop BW.
The loop bandwidth should always be less than the DPLL phase detector frequency
divided by 20. The DPLL may not lock reliably if the DPLL loop BW is <50 Hz and a crystal
oscillator is used for the system clock. See the Choosing the SYSCLK Source section for
more information.
0x056A
[7:2]
Reserved
Default: 0x00.
1
Base loop filter selection
0 = base loop filter with normal (70°) phase margin (default).
1 = base loop filter with high phase margin.
(≤0.1 dB peaking in the closed-loop transfer function for loop BWs ≤ 2 kHz. Setting this
bit is also recommended for loop BW > 2kHz.)
0
Reserved
Default: 0b.
Table 140. DPLL_1 REFB Integer Part of Feedback Divider
Address
Bits
Bit Name
Description
0x056B
[7:0]
Integer Part N1
DPLL integer feedback divider (minus 1), Bits[7:0] (default: 0xCB)
0x056C
[7:0]
DPLL integer feedback divider, Bits[15:8] (default: 0x07)
0x056D
[7:1]
Reserved
Default: 0x00
0
Integer Part N1
DPLL integer feedback divider, Bit 16 (default: 0b)
Default for Register 0x056B to Register 0x056D: 0x007CB (which equals N1 = 1996)
Table 141. DPLL_1 REFB Fractional Part of Fractional Feedback Divider FRAC1
Address
Bits
Bit Name
Description
0x056E
[7:0]
Digital PLL fractional
feedback divider—FRAC1
The numerator of the fractional-N feedback divider, Bits[7:0] (default: 0x04)
0x056F
[7:0]
The numerator of the fractional-N feedback divider, Bits[15:8] (default: 0x00)
0x0570
[7:0]
The numerator of the fractional-N feedback divider, Bits[23:18] (default: 0x00)
Table 142. DPLL_1 REFB Modulus of Fractional Feedback Divider MOD1
Address
Bits
Bit Name
Description
0x0571
[7:0]
Digital PLL feedback divider
modulus—MOD1
The denominator of the fractional-N feedback divider, Bits[7:0] (default: 0x05)
0x0572
[7:0]
The denominator of the fractional-N feedback divider, Bits[15:8] (default: 0x00)
0x0573
[7:0]
The denominator of the fractional-N feedback divider, Bits[23:17] (default: 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com