Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 74 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 70Page - Analog Devices AD9559PCBZ Datasheet HTML 71Page - Analog Devices AD9559PCBZ Datasheet HTML 72Page - Analog Devices AD9559PCBZ Datasheet HTML 73Page - Analog Devices AD9559PCBZ Datasheet HTML 74Page - Analog Devices AD9559PCBZ Datasheet HTML 75Page - Analog Devices AD9559PCBZ Datasheet HTML 76Page - Analog Devices AD9559PCBZ Datasheet HTML 77Page - Analog Devices AD9559PCBZ Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 74 of 120
IRQ MASK (REGISTER 0x010A TO REGISTER 0x112)
The IRQ mask register bits form a one-to-one correspondence with the bits of the IRQ monitor register (0x0D08 to 0x0D10). When set to
Logic 1, the IRQ mask bits enable the corresponding IRQ monitor bits to indicate an IRQ event. The default for all IRQ mask bits is Logic 0,
which prevents the IRQ monitor from detecting any internal interrupts.
Table 41. IRQ Mask for SYSCLK, Watchdog Timer, and EEPROM
Address
Bits
Bit Name
Description
0x010A
7
Reserved
Reserved.
6
SYSCLK unlocked
Enables IRQ for indicating a SYSCLK PLL state transition from locked to unlocked.
5
SYSCLK stable
Enables IRQ for indicating that SYSCLK stability time has expired and that the SYSCLK PLL is
considered to be stable.
4
SYSCLK locked
Enables IRQ for indicating a SYSCLK PLL state transition from unlocked to locked.
3
Watchdog timer
Enables IRQ for indicating expiration of the watchdog timer.
2
Reserved
Reserved.
1
EEPROM fault
Enables IRQ for indicating a fault during an EEPROM load or save operation.
0
EEPROM complete
Enables IRQ for indicating successful completion of an EEPROM load or save operation.
Table 42. IRQ Mask for Reference Inputs
Address
Bits
Bit Name
Description
0x010B
7
Reserved
Reserved.
6
REFB validated
Enables IRQ for indicating that REFB has been validated.
5
REFB fault cleared
Enables IRQ for indicating that REFB has been cleared of a previous fault.
4
REFB fault
Enables IRQ for indicating that REFB has been faulted.
3
Reserved
Reserved.
2
REFA validated
Enables IRQ for indicating that REFA has been validated.
1
REFA fault cleared
Enables IRQ for indicating that REFA has been cleared of a previous fault.
0
REFA fault
Enables IRQ for indicating that REFA has been faulted.
0x010C
7
Reserved
Reserved.
6
REFD validated
Enables IRQ for indicating that REFD has been validated.
5
REFD fault cleared
Enables IRQ for indicating that REFD has been cleared of a previous fault.
4
REFD fault
Enables IRQ for indicating that REFD has been faulted.
3
Reserved
Reserved.
2
REFC validated
Enables IRQ for indicating that REFC has been validated.
1
REFC fault cleared
Enables IRQ for indicating that REFC has been cleared of a previous fault.
0
REFC fault
Enables IRQ for indicating that REFC has been faulted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com